Electronic Components Datasheet Search
  English  ▼

X  

ADG452 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG452
Description  LC2MOS 5 ohm RON SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG452 Datasheet(HTML) 3 Page - Analog Devices

  ADG452 Datasheet HTML 1Page - Analog Devices ADG452 Datasheet HTML 2Page - Analog Devices ADG452 Datasheet HTML 3Page - Analog Devices ADG452 Datasheet HTML 4Page - Analog Devices ADG452 Datasheet HTML 5Page - Analog Devices ADG452 Datasheet HTML 6Page - Analog Devices ADG452 Datasheet HTML 7Page - Analog Devices ADG452 Datasheet HTML 8Page - Analog Devices ADG452 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG451/ADG452/ADG453
REV. A
–3–
Single Supply
B Version
TMIN to
Parameter
+25 CTMAX
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On-Resistance (RON)6
Ω typ
VD = 0 V to 10 V, IS = –10 mA
810
Ω max
On-Resistance Match Between
0.1
Ω typ
VD = 10 V, IS = –10 mA
Channels (
∆R
ON)
0.5
0.5
Ω max
On-Resistance Flatness (RFLAT(ON))
1.0
1.0
Ω typ
VD = 0 V, +5 V, IS = –10 mA
LEAKAGE CURRENTS2, 3
Source OFF Leakage IS (OFF)
±0.02
nA typ
VD = 0 V, 10 V, VS = 0 V, 10 V;
±0.5
±2.5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.02
nA typ
VD = 0 V, 10 V, VS = 0 V, 10 V;
±0.5
±2.5
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.04
nA typ
VD = VS = 0 V, 10 V;
±1
±5
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.5
µA max
DYNAMIC CHARACTERISTICS
4
tON
100
ns typ
RL = 300
Ω, C
L = 35 pF;
220
260
ns max
VS = +8 V; Test Circuit 4
tOFF
80
ns typ
RL = 300
Ω, C
L = 35 pF;
160
200
ns max
VS = +8 V; Test Circuit 4
Break-Before-Make Time Delay, tD
15
ns typ
RL = 300 Ω, CL = 35 pF;
(ADG453 Only)
10
10
ns min
VS1 = VS2 = +8 V;
Test Circuit 5
Charge Injection
10
pC typ
VS = 0 V, RS = 0 Ω, CL = 1.0 nF;
Test Circuit 6
Channel-to-Channel Crosstalk
–90
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 8
CS (OFF)
15
pF typ
f = 1 MHz
CD (OFF)
15
pF typ
f = 1 MHz
CD, CS (ON)
100
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +13.2 V
Digital Inputs = 0 V or 5 V
IDD
0.0001
µA typ
0.5
5
µA max
IL
0.0001
µA typ
0.5
5
µA max
VL = +5.5 V
IGND
4
0.0001
µA typ
0.5
5
µA max
VL = +5.5 V
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2T
MAX = +70°C.
3Tested with dual supplies.
4Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +12 V, VSS = 0 V, VL = +5 V, GND = 0 V. All specifications TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com