Electronic Components Datasheet Search
  English  ▼

X  

10A10 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 10A10
Description  Low reverse leakage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

10A10 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  10A10 Datasheet HTML 1Page - DIOTEC Electronics Corporation 10A10 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10A05 THRU 10A100
GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 10.0 Ampere
Characteristic
Case: R-6 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.072 ounce, 2.05 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
R-6
0.360 (9.1)
0.340(8.6)
DIA.
0.052 (1.3)
0.048 (1.2)
DIA.
0.360(9.1)
0.340(8.6)
Dimensions in inches and (millimeters)
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
10.0
600
1.0
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=50 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 10.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375” (9.5mm)lead length,P.C.B. mounted
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
IR
10
100
R JA
CJ
TJ,TSTG
10.0
150
-50 to +150
pF
C
Typical thermal resistance (NOTE 2)
C/W
10A05
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
10A10 10A20 10A40 10A60 10A80 10A100
●
●
●
●
●
µA


Similar Part No. - 10A10

ManufacturerPart #DatasheetDescription
logo
Bytes
10A10 BYTES-10A10 Datasheet
190Kb / 2P
10.0 AMP SILICON RECTIFIERS
logo
List of Unclassifed Man...
10A10 ETC1-10A10 Datasheet
574Kb / 2P
10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
logo
Won-Top Electronics
10A10 WTE-10A10 Datasheet
54Kb / 4P
10A STANDARD DIODE
logo
Rectron Semiconductor
10A10 RECTRON-10A10 Datasheet
27Kb / 2P
SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
logo
DAESAN ELECTRONIC CORP.
10A10 DAESAN-10A10 Datasheet
309Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - 10A10

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
Low reverse leakage
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
Low reverse leakage
logo
DIOTEC Electronics Corp...
1N4001 DEC-1N4001_10 Datasheet
664Kb / 2P
Low reverse leakage
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
Low reverse leakage
1N5400 DEC-1N5400_10 Datasheet
692Kb / 2P
Low reverse leakage
HER201 DEC-HER201 Datasheet
895Kb / 2P
Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
Low reverse leakage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com