Electronic Components Datasheet Search
  English  ▼

X  

10A40 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # 10A40
Description  Low reverse leakage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

10A40 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  10A40 Datasheet HTML 1Page - DIOTEC Electronics Corporation 10A40 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10A05 THRU 10A100
RATINGS AND CHARACTERISTIC CURVES
2.0
4.0
6.0
8.0
0
0
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 1 Forward Current Derating Curve
12
10
50
100
150
200
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
Pulse Width = 300 ms
2% Duty Cycle
T = 25ºC
j
0
200
400
600
800
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Junction Capacitance
1.0
T = 25°C
j
f = 1MHz
10A05 - 10A40
10A60-10A100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com