Electronic Components Datasheet Search
  English  ▼

X  

FFM103 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # FFM103
Description  For surface mounted applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FFM103 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  FFM103 Datasheet HTML 1Page - DIOTEC Electronics Corporation FFM103 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FFM101 THRU FFM107
SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Case: JEDEC DO-214AC molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.003 ounce, 0.093 grams
0.004 ounce, 0.111 grams SMA(H)
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
●
●
●
●
●
●
●
Characteristic
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TL= 90 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
200.0
CJ
TJ,TSTG
20.0
15.0
-65 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
FFM
101
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
FFM
102
FFM
103
FFM
104
FFM
105
FFM
106
FFM
107
R JA
µA
Dimensions in inches and (millimeters)
SMA(DO-214AC)
.055(1.40)
.062(1.60)
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Similar Part No. - FFM103

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM103 FORMOSA-FFM103 Datasheet
68Kb / 2P
Fast recovery type
logo
Leshan Radio Company
FFM103 LRC-FFM103 Datasheet
53Kb / 2P
1A FAST RECOVERY SMA DIODES
logo
Rectron Semiconductor
FFM103 RECTRON-FFM103 Datasheet
33Kb / 3P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Diotech Company.
FFM103 DIOTECH-FFM103 Datasheet
684Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM103 TAYCHIPST-FFM103 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FFM103

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
For surface mounted applications
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
For surface mounted applications
logo
Diode Semiconductor Kor...
SL12 DSK-SL12 Datasheet
76Kb / 2P
For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
For surface mounted applications
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
For surface mounted applications
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
For surface mounted applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com