Electronic Components Datasheet Search
  English  ▼

X  

ADG511ABR Datasheet(PDF) 10 Page - Analog Devices

Part # ADG511ABR
Description  LC2MOS Precision 5 V/3 V Quad SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG511ABR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG511ABR Datasheet HTML 3Page - Analog Devices ADG511ABR Datasheet HTML 4Page - Analog Devices ADG511ABR Datasheet HTML 5Page - Analog Devices ADG511ABR Datasheet HTML 6Page - Analog Devices ADG511ABR Datasheet HTML 7Page - Analog Devices ADG511ABR Datasheet HTML 8Page - Analog Devices ADG511ABR Datasheet HTML 9Page - Analog Devices ADG511ABR Datasheet HTML 10Page - Analog Devices ADG511ABR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADG511/ADG512/ADG513
REV. B
–10–
SD
0.1 F
VDD
IN
VS
GND
VSS
RL
50
VOUT
0.1 F
VIN
VSS
VDD
7. Off Isolation
SD
0.1 F
VDD
VS
GND
VSS
50
NC
0.1 F
VIN1
VIN2
S
D
RL
50
VOUT
CHANNEL TO CHANNEL
CROSSTALK = 20
LOG VS/VOUT
VDD
VSS
8. Channel-to-Channel Crosstalk
Test Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com