Electronic Components Datasheet Search
  English  ▼

X  

ADG611 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG611
Description  1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG611 Datasheet(HTML) 2 Page - Analog Devices

  ADG611 Datasheet HTML 1Page - Analog Devices ADG611 Datasheet HTML 2Page - Analog Devices ADG611 Datasheet HTML 3Page - Analog Devices ADG611 Datasheet HTML 4Page - Analog Devices ADG611 Datasheet HTML 5Page - Analog Devices ADG611 Datasheet HTML 6Page - Analog Devices ADG611 Datasheet HTML 7Page - Analog Devices ADG611 Datasheet HTML 8Page - Analog Devices ADG611 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADG611/ADG612/ADG613–SPECIFICATIONS
(VDD = +5 V
10%, VSS = –5 V
10%, GND = 0 V, unless otherwise noted.)
Y Version
–40 C
–40 C
Parameter
25 C
to +85 C
to +125 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On-Resistance (RON)85
Ω typ
VS =
±3 V, IS = –1 mA
115
140
160
Ω max
Test Circuit 1
On-Resistance Match Between
2
Ω typ
Channels (
∆RON)
4
5.5
6.5
Ω max
VS =
±3 V, IS = –1 mA
On-Resistance Flatness (RFLAT(ON))25
Ω typ
VS =
±3 V, I
S = –1 mA
40
55
60
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = –5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD =
±4.5 V, VS = 4.5 V;
±0.1
±0.25
±2
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VD =
±4.5 V, V
S =
4.5 V;
±0.1
±0.25
±2
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VD = VS =
±4.5 V, Test Circuit 3
±0.1
±0.25
±6
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS
2
tON
45
ns typ
RL = 300
Ω, C
L = 35 pF
65
75
90
ns max
VS = 3.0 V, Test Circuit 4
tOFF
25
ns typ
RL = 300
Ω, CL = 35 pF
40
45
50
ns max
VS = 3.0 V, Test Circuit 4
Break-Before-Make Time Delay, tD
15
ns typ
RL = 300
Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 3.0 V, Test Circuit 5
Charge Injection
–0.5
pC typ
VS = 0 V, RS = 0
Ω,
CL = 1 nF, Test Circuit 6
Off Isolation
–65
dB typ
RL = 50
Ω, CL = 5 pF,
f = 10 MHz, Test Circuit 7
Channel-to-Channel Crosstalk
–90
dB typ
RL = 50
Ω, CL = 5 pF,
f = 10 MHz, Test Circuit 8
–3 dB Bandwidth
680
MHz typ
RL = 50
Ω, C
L = 5 pF,
Test Circuit 9
CS (OFF)
5
pF typ
f = 1 MHz
CD (OFF)
5
pF typ
f = 1 MHz
CD, CS (ON)
5
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = –5.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
ISS
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
NOTES
1Temperature range is as follows. Y Version: –40
°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
DUAL SUPPLY1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com