Electronic Components Datasheet Search
  English  ▼

X  

ADG622 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG622
Description  CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG622 Datasheet(HTML) 4 Page - Analog Devices

  ADG622 Datasheet HTML 1Page - Analog Devices ADG622 Datasheet HTML 2Page - Analog Devices ADG622 Datasheet HTML 3Page - Analog Devices ADG622 Datasheet HTML 4Page - Analog Devices ADG622 Datasheet HTML 5Page - Analog Devices ADG622 Datasheet HTML 6Page - Analog Devices ADG622 Datasheet HTML 7Page - Analog Devices ADG622 Datasheet HTML 8Page - Analog Devices ADG622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
ADG621/ADG622/ADG623
–4–
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.5 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6.5 V
Analog Inputs
2 . . . . . . . . . . . . . . . . . V
SS – 0.3 V to VDD + 0.3 V
Digital Inputs
2 . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 50 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
µSOIC Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 206
°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44°C/W
Lead Temperature, Soldering (10 seconds) . . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability. Only one absolute maximum
rating may be applied at any one time.
2Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
Table I. Truth Table for the ADG621/ADG622
ADG621 INx
ADG622 INx
Switch x Condition
0
1
OFF
10
ON
ORDERING GUIDE
Model Option
Temperature Range
Description
Package
Branding Information
*
ADG621BRM
–40
°C to +85°C
µSOIC (microSmall Outline IC)
RM-10
SXB
ADG622BRM
–40
°C to +85°C
µSOIC (microSmall Outline IC)
RM-10
SYB
ADG623BRM
–40
°C to +85°C
µSOIC (microSmall Outline IC)
RM-10
SZB
*Branding on
µSOIC packages is limited to three characters due to space constraints.
Table II. Truth Table for the ADG623
IN1
IN2
Switch S1
Switch S2
00
OFF
ON
0
1
OFF
OFF
10
ON
ON
1
1
ON
OFF
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADG621/ADG622/ADG623 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com