Electronic Components Datasheet Search
  English  ▼

X  

ADG661 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG661
Description  LC2MOS Precision 5 V Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG661 Datasheet(HTML) 6 Page - Analog Devices

  ADG661 Datasheet HTML 1Page - Analog Devices ADG661 Datasheet HTML 2Page - Analog Devices ADG661 Datasheet HTML 3Page - Analog Devices ADG661 Datasheet HTML 4Page - Analog Devices ADG661 Datasheet HTML 5Page - Analog Devices ADG661 Datasheet HTML 6Page - Analog Devices ADG661 Datasheet HTML 7Page - Analog Devices ADG661 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG661/ADG662/ADG663
–6–
REV. 0
Typical Performance Characteristics
50
0
30
10
20
40
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
–5
5
–4
3
4
2
1
0
–1
–2
–3
TA = +25 C
VDD = +5V
VSS = –5V
Figure 1. On Resistance as a
Function of VD (VS) Dual Supplies
10nA
100nA
1 A
10 A
100 A
100k
10M
100
1k
10k
1M
FREQUENCY – Hz
10
1mA
10mA
4 SW
1 SW
I–, I+
VDD = +5V
VSS = –5V
Figure 4. Supply Current vs. Input
Switching Frequency
VD OR VS – DRAIN OR SOURCE VOLTAGE
0.006
0.000
–0.006
–5
5
–4
–3
–2
–1
0
1
2
3
4
0.004
0.002
–0.002
–0.004
VDD = +5V
VSS = –5V
TA = +25 C
ID(OFF)
IS(OFF)
ID(ON)
Figure 7. Leakage Currents as a
Function of VD (VS)
50
0
30
10
20
40
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
–5
5
–4
3
4
2
1
0
–1
–2
–3
VDD = +5V
VSS = –5V
+85 C
+25 C
Figure 2. On Resistance as a
Function of VD (VS) for
Different Temperatures
10
0.001
25
1
0.01
35
0.1
105
95
85
75
65
55
45
TEMPERATURE – C
ID (OFF)
ID (ON)
IS (OFF)
VDD = +5V
VSS = –5V
VS = 5V
VD = 5V
Figure 5. Leakage Currents as a
Function of Temperature
FREQUENCY – Hz
110
100
60
100
10M
1k
10k
100k
1M
90
80
70
VDD = +5V
VSS = –5V
Figure 8. Crosstalk vs. Frequency
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
0
01
5
23
4
40
30
20
10
TA = +25°C
VDD = +5V
VSS = 0V
Figure 3. On Resistance as a
Function of VD (VS) Single Supply
40
FREQUENCY – Hz
120
100
100
10M
1k
10k
100k
1M
80
60
VDD = +5V
VSS = –5V
Figure 6. Off Isolation vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com