Electronic Components Datasheet Search
  English  ▼

X  

ADG706 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG706
Description  CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG706 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG706 Datasheet HTML 3Page - Analog Devices ADG706 Datasheet HTML 4Page - Analog Devices ADG706 Datasheet HTML 5Page - Analog Devices ADG706 Datasheet HTML 6Page - Analog Devices ADG706 Datasheet HTML 7Page - Analog Devices ADG706 Datasheet HTML 8Page - Analog Devices ADG706 Datasheet HTML 9Page - Analog Devices ADG706 Datasheet HTML 10Page - Analog Devices ADG706 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics–ADG706/ADG707
–7–
REV. 0
VD, VS, DRAIN OR SOURCE VOLTAGE – V
0
0
15
23
4
1
TA = 25 C
VSS = GND
VDD = 2.7V
VDD = 3.3V
VDD = 4.5V
VDD = 5.5V
2
3
4
5
6
7
8
Figure 1. On Resistance as a Function
of VD (VS) for Single Supply
VD OR VS /DRAIN OR SOURCE VOLTAGE – V
0
–30
TA = 25 C
–2
–11
2
3
VDD = +2.7V
VSS = –2.7V
VDD = +3.3V
VSS = –3.3V
VDD = +3.0V
VSS = –3.0V
8
7
6
5
4
1
2
3
Figure 4. On Resistance as a Function
of VD (VS) for Dual Supply
VD (VS) – Volts
0.3
0.2
–0.2
01
5
23
4
0.1
0
–0.1
VDD = 3V
VSS = 0V
TA = 25 C
ID, IS (ON)
IS (OFF)
ID (OFF)
–0.3
Figure 7. Leakage Currents as a Func-
tion of VD (VS)
VD OR VS /DRAIN OR SOURCE VOLTAGE – V
8
7
0
01
5
23
4
6
5
4
+85 C
–40 C
VDD = 5V
VSS = 0V
1
2
3
+25 C
Figure 2. On Resistance as a Function
of VD (VS) for Different Temperatures,
Dual Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0.5
7
6
5
4
3
2
1
0
1.0
1.5
2.0
2.5
3.0
8
–40 C
+25 C
+85 C
VDD = 3V
VSS = 0V
Figure 5. On Resistance as a Function
of VD (VS) for Different Temperatures,
Single Supply
VOLTAGE – Volts
0.3
0.2
–0.3
–3
0.1
0
–0.2
VDD = +3V
VSS = –3V
TA = 25 C
ID, IS (ON)
IS (OFF)
ID (OFF)
–0.1
–2
–10
1
2
3
Figure 8. Leakage Currents as a Func-
tion of VD (VS)
+85 C
+25 C
–40 C
VD OR VS /DRAIN OR SOURCE VOLTAGE – V
5
4
0
–30
3
2
1
–2
–1
123
VDD = +3.0V
VSS = –3.0V
6
7
8
Figure 3. On Resistance as a Function
of VD (VS) for Different Temperatures,
Single Supply
VD (VS) – Volts
0.3
0.2
–0.2
01
5
23
4
0.1
0
–0.1
VDD = 5V
VSS = 0V
TA = 25 C
ID, IS (ON)
IS (OFF)
ID (OFF)
Figure 6. Leakage Currents as a Func-
tion of VD (VS)
TEMPERATURE – C
0.3
0.2
–0.1
5
0
ID, IS (ON)
IS (OFF)
ID (OFF)
0.1
15
25
35
45
55
65
75
85
0.4
0.5
0.6
0.7
0.8
VDD = +3V
VSS = –3V
VD = +2.25V/–1.25V
VS = –1.25V/+2.25V
VDD = 5V
VSS = GND
VD = 4.5V/1V
VS = 1V/4.5V
Figure 9. Leakage Currents as a Func-
tion of Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com