Electronic Components Datasheet Search
  English  ▼

X  

MJF47 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJF47
Description  NPN SILICON POWER TRANSISTOR 1 AMPERE 250 VOLTS 28 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJF47 Datasheet(HTML) 1 Page - Motorola, Inc

  MJF47 Datasheet HTML 1Page - Motorola, Inc MJF47 Datasheet HTML 2Page - Motorola, Inc MJF47 Datasheet HTML 3Page - Motorola, Inc MJF47 Datasheet HTML 4Page - Motorola, Inc MJF47 Datasheet HTML 5Page - Motorola, Inc MJF47 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
High Voltage Power Transistor
Isolated Package Applications
Designed for line operated audio output amplifiers, switching power supply drivers
and other switching applications, where the mounting surface of the device is required
to be electrically isolated from the heatsink or chassis.
• Electrically Similar to the Popular TIP47
• 250 VCEO(sus)
• 1 A Rated Collector Current
• No Isolating Washers Required
• Reduced System Cost
• UL Recognized, File #E69369, to 3500 VRMS Isolation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
250
Vdc
Collector–Base Voltage
VCB
350
Vdc
Emitter–Base Voltage
VEB
5
Vdc
RMS Isolation Voltage (1)
Test No. 1 Per Fig. 10
(for 1 sec, R.H. < 30%,
Test No. 2 Per Fig. 11
TA = 25_C)
Test No. 3 Per Fig. 12
VISOL
4500
3500
1500
VRMS
Collector Current — Continuous
Peak
IC
1
2
Adc
Base Current
IB
0.6
Adc
Total Power Dissipation* @ TC = 25_C
Derate above 25
_C
PD
28
0.23
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2
0.016
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Thermal Resistance, Junction to Case*
R
θJC
4.4
_C/W
Lead Temperature for Soldering Purpose
TL
260
_C
* Measurement made with thermocouple contacting the bottom insulated mounting surface (in a location beneath the die), the device mounted on
a heatsink with thermal grease and a mounting torque of
≥ 6 in. lbs.
(1) Proper strike and creepage distance must be provided.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJF47/D
© Motorola, Inc. 1995
MJF47
NPN SILICON
POWER TRANSISTOR
1 AMPERE
250 VOLTS
28 WATTS
CASE 221D–02
TO–220 TYPE


Similar Part No. - MJF47

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF47 ONSEMI-MJF47 Datasheet
135Kb / 6P
High Voltage Power Transistor Isolated Package Applications
April, 2006 ??Rev. 5
MJF47G ONSEMI-MJF47G Datasheet
135Kb / 6P
High Voltage Power Transistor Isolated Package Applications
April, 2006 ??Rev. 5
More results

Similar Description - MJF47

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV22 MOTOROLA-BUV22 Datasheet
137Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
16 ampere complementary silicon power transistors 250 volts 250 watts
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
MJE13005 MOTOROLA-MJE13005 Datasheet
311Kb / 8P
4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
MJE3439 MOTOROLA-MJE3439 Datasheet
100Kb / 4P
0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS
logo
ON Semiconductor
MJE13005 ONSEMI-MJE13005_06 Datasheet
105Kb / 7P
4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??75 WATTS
February, 2006 ??Rev. 7
MJE13009 ONSEMI-MJE13009_06 Datasheet
148Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com