Electronic Components Datasheet Search
  English  ▼

X  

ML439RAT Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML439RAT
Description  High-Reliability Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML439RAT Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML439RAT Datasheet HTML 1Page - Coilcraft lnc. ML439RAT Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
High-ReliabilityAirCoreInductors
AIR CORE INDUCTORS
Document ML107-1 Revised 09/08/11
SRF
DCR
L2 Percent Q3 min4 max5 Imax Weight
Part number1
Turns (nH)
tol
min (GHz) (mOhm) (A)
(mg)
ML439RAT2N5KLZ
1
2.5
10
145 12.5
1.1
4
31
ML439RAT5N0_LZ
2
5.0
5,2
140
6.5
1.8
4
42
ML439RAT8N0_LZ
3
8.0
5,2
140
5.0
2.6
4
52
ML439RAT13N_LZ
4 12.5
5,2
137
3.3
3.4
4
65
ML439RAT19N_LZ
5 18.5
5,2
132
2.5
3.9
4
78
ML470RAT18N_LZ
6 17.5
5,2
100
2.2
4.5
4
100
ML470RAT22N_LZ
7 22.0
5,2
102
2.1
5.2
4
110
ML470RAT28N_LZ
8 28.0
5,2
105
1.8
6.0
4
118
ML470RAT36N_LZ
9 35.5
5,2
112
1.5
6.8
4
133
ML470RAT43N_LZ
10 43.0
5,2
106
1.2
7.9
4
147
1. When ordering, please specify
tolerance and testing codes:
ML470RAT43NGLZ
Tolerance: G = 2% J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured at 150 MHz on an Agilent/HP 4286A or equivalent with
a Coilcraft SMD-A test fixture and correlation.
3. Q measured at 150 MHz on an Agilent/HP 4291A or equivalent with a 16193A
test fixture or equivalent.
4. SRF measured on an Agilent/HP 8753ES network analyzer or equivalent
with a Coilcraft CCF1268 test fixture. Parts with SRF >5 GHz are verified to
>5 GHz in screening
5. DCR measured on a Keithley 580 Micro-Ohmmeter or equivalent.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Terminations Tin-silver over copper.
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging
ML439RAT: 700/7
″ reel Plastic tape: 12 mm wide, 0.32 mm thick,
8 mm pocket spacing, 3.3 mm pocket depth
ML470RAT: 500/7
″ reel Plastic tape: 16 mm wide, 0.28 mm thick,
8 mm pocket spacing, 3.4 mm pocket depth
PCB washing Only pure water or alcohol recommended
Dimensions are in
inches
mm
ML439RAT
ML470RAT
■
Small air core inductors feature high Q and tight tolerances
■
High temperature materials allow operation in ambient
temperatures up to 155°C.


Similar Part No. - ML439RAT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML432PJB COILCRAFT-ML432PJB Datasheet
334Kb / 2P
High-Reliability Power Inductors
ML432PJB102MLZ COILCRAFT-ML432PJB102MLZ Datasheet
334Kb / 2P
High-Reliability Power Inductors
ML432PJB103MLZ COILCRAFT-ML432PJB103MLZ Datasheet
334Kb / 2P
High-Reliability Power Inductors
ML432PJB104MLZ COILCRAFT-ML432PJB104MLZ Datasheet
334Kb / 2P
High-Reliability Power Inductors
ML432PJB105MLZ COILCRAFT-ML432PJB105MLZ Datasheet
334Kb / 2P
High-Reliability Power Inductors
More results

Similar Description - ML439RAT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML350RAT COILCRAFT-ML350RAT Datasheet
502Kb / 2P
High-Reliability Air Core Inductors
ML426RAT COILCRAFT-ML426RAT Datasheet
297Kb / 2P
High-Reliability Air Core Inductors
ML475RAT COILCRAFT-ML475RAT Datasheet
481Kb / 2P
High-Reliability Air Core Inductors
ML536RAT COILCRAFT-ML536RAT Datasheet
654Kb / 2P
High-Reliability Air Core Inductors
ML561_615_643RAU COILCRAFT-ML561_615_643RAU Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
MS350RAT COILCRAFT-MS350RAT Datasheet
537Kb / 2P
High-Reliability Air Core Inductors
MS439RAT COILCRAFT-MS439RAT Datasheet
560Kb / 2P
High-Reliability Air Core Inductors
MS475RAT COILCRAFT-MS475RAT Datasheet
509Kb / 2P
High-Reliability Air Core Inductors
MS536RAT COILCRAFT-MS536RAT Datasheet
659Kb / 2P
High-Reliability Air Core Inductors
MS561RAU COILCRAFT-MS561RAU Datasheet
593Kb / 3P
High-Reliability Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com