Electronic Components Datasheet Search
  English  ▼

X  

ML536RAT Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML536RAT
Description  High-Reliability Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML536RAT Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML536RAT Datasheet HTML 1Page - Coilcraft lnc. ML536RAT Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Document ML185-1 Revised 04/12/11
Inductance2
Percent
Q3
SRF min4
DCR max5
Imax
Part number1
Turns
(nH)
tolerance
min
(GHz)
(mOhm)
(A)
ML536RAT90N_LZ
9
90
5,2
95
1.140
15
3.5
ML536RATR11_LZ
10
111
5,2
87
1.020
15
3.5
ML536RATR13_LZ
11
130
5,2
87
0.900
20
3.0
ML536RATR17_LZ
12
169
5,2
95
0.875
25
3.0
ML536RATR21_LZ
13
206
5,2
95
0.800
30
3.0
ML536RATR22_LZ
14
222
5,2
92
0.730
35
3.0
ML536RATR25_LZ
15
246
5,2
95
0.685
35
3.0
ML536RATR31_LZ
16
307
5,2
95
0.660
35
3.0
ML536RATR38_LZ
17
380
5,2
95
0.590
50
2.5
ML536RATR42_LZ
18
422
5,2
95
0.540
60
2.5
ML536RATR49_LZ
19
491
5,2
95
0.535
65
2.0
ML536RATR54_LZ
20
538
5,2
87
0.490
90
2.0
AIR CORE INDUCTORS
1. When ordering, specify
tolerance and testing codes:
ML536RATR54GLZ
Tolerance:
G = 2% J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured at 50 MHz on an Agilent/HP 4286A or equivalent with a Coilcraft SMD-A test fixture and correlation.
3. Q measured at 50 MHz on an Agilent/HP 4291A or equivalent with a 16193A test fixture or equivalent.
4. SRF measured on an Agilent/HP 8753ES or equivalent with a Coilcraft CCF1268 test fixture.
5. DCR measured on a Keithley 580 Micro-Ohmmeter or equivalent.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Terminations Tin-silver over copper
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 800 per 13
″ reel
Plastic tape: 24 mm wide, 0.3 mm thick, 12 mm pocket spacing,
6.1 mm pocket depth
High-ReliabilityAirCoreInductors ML536RAT
■
High Q over a wide range of frequencies
■
High temperature materials allow operation in ambient
temperatures up to 155°C.


Similar Part No. - ML536RAT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML53612 OKI-ML53612 Datasheet
696Kb / 68P
64-Channel Full Duplex H.100/H.110 CT Bus System Interface and Time-Slot Interchange
More results

Similar Description - ML536RAT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML350RAT COILCRAFT-ML350RAT Datasheet
502Kb / 2P
High-Reliability Air Core Inductors
ML426RAT COILCRAFT-ML426RAT Datasheet
297Kb / 2P
High-Reliability Air Core Inductors
ML439RAT COILCRAFT-ML439RAT Datasheet
533Kb / 2P
High-Reliability Air Core Inductors
ML475RAT COILCRAFT-ML475RAT Datasheet
481Kb / 2P
High-Reliability Air Core Inductors
ML561_615_643RAU COILCRAFT-ML561_615_643RAU Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
MS350RAT COILCRAFT-MS350RAT Datasheet
537Kb / 2P
High-Reliability Air Core Inductors
MS439RAT COILCRAFT-MS439RAT Datasheet
560Kb / 2P
High-Reliability Air Core Inductors
MS475RAT COILCRAFT-MS475RAT Datasheet
509Kb / 2P
High-Reliability Air Core Inductors
MS536RAT COILCRAFT-MS536RAT Datasheet
659Kb / 2P
High-Reliability Air Core Inductors
MS561RAU COILCRAFT-MS561RAU Datasheet
593Kb / 3P
High-Reliability Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com