Electronic Components Datasheet Search
  English  ▼

X  

ML427PJB335MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML427PJB335MLZ
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML427PJB335MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML427PJB335MLZ Datasheet HTML 1Page - Coilcraft lnc. ML427PJB335MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
These parts are preproduction products for electrical evaluation only.
Specification subject to change without notice.
4414 POWER INDUCTORS
Document ML548-1 Revised 12/06/10
DCR
Isat (A)5
Irms (A)6
Inductance2
max3 SRF (MHz)
4 10% 20%
30% 20°C 40°C
Part number1
±20% (µH)
(Ohms) min
typ drop drop
drop rise
rise
ML427PJB301MLZ
0.30
0.040 329 470
5.6
5.7
5.8
1.9
2.6
ML427PJB501MLZ
0.50
0.050 231 330
4.3
4.4
4.5
1.7
2.2
ML427PJB701MLZ
0.70
0.055 157 225
3.7
3.75 3.8
1.5
2.0
ML427PJB102MLZ
1.0
0.060 133 190
3.0
3.1
3.2
1.4
1.8
ML427PJB152MLZ
1.5
0.078 105 150
2.9
3.1
3.2
1.2
1.6
ML427PJB182MLZ
1.8
0.087
91.0 130
2.7
2.8
2.9
1.2
1.5
ML427PJB222MLZ
2.2
0.110
80.0 115
2.2
2.3
2.35 1.0
1.3
ML427PJB332MLZ
3.3
0.165
59.0 85.0
1.8
1.9
1.95 0.92 1.2
ML427PJB472MLZ
4.7
0.215
47.0 68.0
1.4
1.5
1.55 0.72 1.0
ML427PJB562MLZ
5.6
0.260
40.0 58.0
1.4
1.4
1.5
0.60 0.88
ML427PJB682MLZ
6.8
0.270
37.0 54.0
1.2
1.3
1.4
0.56 0.80
ML427PJB822MLZ
8.2
0.350
35.0 50.0
1.1
1.3
1.3
0.56 0.78
ML427PJB103MLZ
10
0.380
30.0 43.0
1.1
1.2
1.3
0.56 0.76
ML427PJB123MLZ
12
0.380
26.0 38.0
0.94 0.97 1.0
0.53 0.70
ML427PJB153MLZ
15
0.440
25.0 36.0
0.85 0.89 0.92 0.50 0.66
ML427PJB183MLZ
18
0.530
21.0 31.0
0.76 0.80 0.82 0.45 0.60
ML427PJB223MLZ
22
0.590
19.0 27.0
0.69 0.72 0.74 0.42 0.54
ML427PJB333MLZ
33
0.715
16.0 23.0
0.47 0.49 0.51 0.39 0.52
ML427PJB473MLZ
47
0.935
12.0 18.0
0.39 0.42 0.43 0.35 0.46
ML427PJB563MLZ
56
1.15
11.0 16.0
0.37 0.39 0.40 0.34 0.43
ML427PJB683MLZ
68
1.35
10.2 14.6
0.32 0.33 0.34 0.29 0.38
ML427PJB104MLZ
100
1.90
7.7 11.0
0.26 0.28 0.285 0.25 0.32
ML427PJB124MLZ
120
2.60
7.0 10.0
0.23 0.24 0.25 0.22 0.27
ML427PJB154MLZ
150
3.10
6.3
9.0
0.22 0.23 0.24 0.19 0.26
ML427PJB224MLZ
220
4.10
4.7
6.7
0.18 0.20 0.20 0.18 0.23
ML427PJB334MLZ
330
6.00
3.9
5.6
0.14 0.16 0.165 0.14 0.18
ML427PJB474MLZ
470
9.50
3.0
4.3
0.13 0.14 0.145 0.11 0.18
ML427PJB564MLZ
560
10.7
2.8
4.0
0.12 0.13 0.14 0.10 0.14
ML427PJB684MLZ
680
11.7
2.4
3.5
0.10 0.11 0.12 0.10 0.14
ML427PJB824MLZ
820
15.1
2.1
3.0
0.10 0.105 0.11 0.090 0.11
ML427PJB105MLZ
1000
16.3
1.8
2.6
0.10 0.102 0.106 0.080 0.10
ML427PJB155MLZ
1500
26.4
1.5
2.2
0.096 0.099 0.100 0.070 0.090
ML427PJB185MLZ
1800
35.0
1.3
1.9
0.089 0.094 0.097 0.060 0.080
ML427PJB225MLZ
2200
42.5
1.3
1.9
0.082 0.089 0.092 0.050 0.070
ML427PJB335MLZ
3300
56.0
0.90 1.3
0.072 0.078 0.083 0.040 0.060
High-Reliability PowerInductors ML427PJB
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit
Weight 82.3 – 89.8 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″ reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
1.52 mm pocket depth
■
High temperature materials allow operation in ambient
temperatures up to 155°C.
■
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
1. When ordering, please specify
testing code:
ML427PJB335MLZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
C = Custom screening (please
specify when ordering)
2. Inductance tested at 100 kHz, 0.1 Vrms using
an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or
equivalent.
5. Typical DC current that causes the specified
inductance drop from its value without current.
6. Typical current that causes the specified tem-
perature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Com-
ponents” before soldering.


Similar Part No. - ML427PJB335MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML420PJB COILCRAFT-ML420PJB Datasheet
277Kb / 2P
High-Reliability Power Inductors
ML420PJB103MLZ COILCRAFT-ML420PJB103MLZ Datasheet
277Kb / 2P
High-Reliability Power Inductors
ML420PJB104MLZ COILCRAFT-ML420PJB104MLZ Datasheet
277Kb / 2P
High-Reliability Power Inductors
ML420PJB105MLZ COILCRAFT-ML420PJB105MLZ Datasheet
277Kb / 2P
High-Reliability Power Inductors
ML420PJB124MLZ COILCRAFT-ML420PJB124MLZ Datasheet
277Kb / 2P
High-Reliability Power Inductors
More results

Similar Description - ML427PJB335MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com