Electronic Components Datasheet Search
  English  ▼

X  

AON6552 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON6552
Description  30V N-Channel AlphaMOS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6552 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6552 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6552 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6552 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6552 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6552 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6552 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AON6552
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.4
1.8
2.2
V
4.1
5
TJ=125°C
5.6
6.8
6.7
8.5
m
Ω
gFS
91
S
VSD
0.7
1
V
IS
30
A
Ciss
1037
pF
Coss
441
pF
Crss
61
pF
Rg
0.7
1.5
2.3
Ω
Qg(10V)
15.5
22
nC
Qg(4.5V)
6.8
10
nC
Qgs
3.0
nC
Qgd
3.6
nC
tD(on)
5.5
ns
tr
3.3
ns
t
18
ns
Turn-On DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
R
=3
Ω
Turn-On Rise Time
Turn-Off DelayTime
SWITCHING PARAMETERS
Total Gate Charge
VGS=10V, VDS=15V, ID=20A
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Input Capacitance
VGS=0V, VDS=15V, f=1MHz
Output Capacitance
Reverse Transfer Capacitance
Gate resistance
VGS=0V, VDS=0V, f=1MHz
DYNAMIC PARAMETERS
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=20A
m
Ω
VGS=4.5V, ID=20A
Forward Transconductance
VDS=5V, ID=20A
Diode Forward Voltage
IS=1A,VGS=0V
Maximum Body-Diode Continuous Current
VDS=VGS
,I
D=250µA
Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
tD(off)
18
ns
tf
4.3
ns
trr
12.7
ns
Qrr
17.2
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
RGEN=3Ω
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA ≤ 10s and the maximum allowed junction temperature of 150°C. The value in any given application
depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature T
J(MAX)=150°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0: Nov. 2012
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com