Electronic Components Datasheet Search
  English  ▼

X  

ADG733 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG733
Description  CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG733 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG733 Datasheet HTML 2Page - Analog Devices ADG733 Datasheet HTML 3Page - Analog Devices ADG733 Datasheet HTML 4Page - Analog Devices ADG733 Datasheet HTML 5Page - Analog Devices ADG733 Datasheet HTML 6Page - Analog Devices ADG733 Datasheet HTML 7Page - Analog Devices ADG733 Datasheet HTML 8Page - Analog Devices ADG733 Datasheet HTML 9Page - Analog Devices ADG733 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
REV. 0
ADG733/ADG734
–6–
Table I. ADG733 Truth Table
A2
A1
A0
EN
ON Switch
XX
X1
None
0
0
0
0
D1-S1A, D2-S2A, D3-S3A
0
0
1
0
D1-S1B, D2-S2A, D3-S3A
0
1
0
0
D1-S1A, D2-S2B, D3-S3A
0
1
1
0
D1-S1B, D2-S2B, D3-S3A
1
0
0
0
D1-S1A, D2-S2A, D3-S3B
1
0
1
0
D1-S1B, D2-S2A, D3-S3B
1
1
0
0
D1-S1A, D2-S2B, D3-S3B
1
1
1
0
D1-S1B, D2-S2B, D3-S3B
X = Don’t Care.
Table II. ADG734 Truth Table
Logic
Switch A
Switch B
0
OFF
ON
1
ON
OFF
VDD
Most Positive Power Supply Potential.
VSS
Most Negative Power Supply in a Dual Supply
Application. In single supply applications, this
should be tied to ground close to the device.
IDD
Positive Supply Current.
ISS
Negative Supply Current.
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
IN
Logic Control Input.
VD (VS)
Analog Voltage on Terminals D, S
RON
Ohmic Resistance between D and S.
∆RON
On Resistance Match between Any Two
Channels, i.e., RONmax – RONmin
RFLAT(ON)
Flatness is defined as the difference between the
maximum and minimum value of on-resistance
as measured over the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch
“OFF.”
ID, IS (ON)
Channel Leakage Current with the Switch
“ON.”
VINL
Maximum Input Voltage for Logic “0.”
VINH
Minimum Input Voltage for Logic “1.”
IINL(IINH)
Input Current of the Digital Input.
CS (OFF)
“OFF” Switch Source Capacitance.
Measured with reference to ground.
CD, CS(ON)
“ON” Switch Capacitance. Measured
with reference to ground.
CIN
Digital Input Capacitance.
tON
Delay time measured between the 50% and
90% points of the digital inputs and the
switch “ON” condition.
tOFF
Delay time measured between the 50% and
90% points of the digital input and the switch
“OFF” condition.
tON(EN)
Delay time between the 50% and 90% points
of the
EN digital input and the switch “ON”
condition.
tOFF(EN)
Delay time between the 50% and 90% points
of the
EN digital input and the switch “OFF”
condition.
tOPEN
“OFF” time measured between the 80%
points of both switches when switching from
one address state to another.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” switch.
Crosstalk
A measure of unwanted signal that is coupled
through from one channel to
another as a result of parasitic capacitance.
Bandwidth
The frequency at which the output is
attenuated by 3 dBs.
On Response
The Frequency Response of the “ON” Switch.
Insertion Loss The loss due to the ON resistance of the switch.
TERMINOLOGY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com