Electronic Components Datasheet Search
  English  ▼

X  

RS3A Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # RS3A
Description  Low reverse leakage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

RS3A Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  RS3A Datasheet HTML 1Page - DIOTEC Electronics Corporation RS3A Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS3A THRU RS3M
SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 3.0 Ampere
FEATURES
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
Characteristic
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
250.0
CJ
TJ,TSTG
20.0
50.0
-65 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
RS
3A
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SMC ( DO-214AB )
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.007 ounce, 0.24grams
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
RS
3B
RS
3D
RS
3G
RS
3J
RS
3K
RS
3M
●
●
●
●
●
●
●
Dimensions in inches and (millimeters)
.108(2.75)
.128(3.25)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.320(8.13)
.305(7.75)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)
µA
R JA


Similar Part No. - RS3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3A SSE-RS3A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
More results

Similar Description - RS3A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
Low reverse leakage
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
Low reverse leakage
logo
DIOTEC Electronics Corp...
1N4001 DEC-1N4001_10 Datasheet
664Kb / 2P
Low reverse leakage
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
Low reverse leakage
1N5400 DEC-1N5400_10 Datasheet
692Kb / 2P
Low reverse leakage
10A05 DEC-10A05 Datasheet
672Kb / 2P
Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
Low reverse leakage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com