Electronic Components Datasheet Search
  English  ▼

X  

S2A Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # S2A
Description  For surface mounted applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

S2A Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  S2A Datasheet HTML 1Page - DIOTEC Electronics Corporation S2A Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S2A THRU S2M
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Ampere
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
●
●
●
●
●
●
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current @TL = 110°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance (Note 3)
R JL
16
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
°C
S2A
Unit
S2B
S2D
S2G
S2J
S2K
S2M
°C/W
Dimensions in inches and (millimeters)
SMB ( DO-214AA )
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.200(5.08)
.220(5.59)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)
Case: JEDEC SMB/DO-214AA molded plastic body
Terminals: Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.005 ounce, 0.138 grams


Similar Part No. - S2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2A SURGE-S2A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2A TRSYS-S2A Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
S2A JGD-S2A Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
More results

Similar Description - S2A

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
For surface mounted applications
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
For surface mounted applications
logo
Diode Semiconductor Kor...
SL12 DSK-SL12 Datasheet
76Kb / 2P
For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
For surface mounted applications
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
For surface mounted applications
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
For surface mounted applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com