Electronic Components Datasheet Search
  English  ▼

X  

S2G Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # S2G
Description  For surface mounted applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

S2G Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  S2G Datasheet HTML 1Page - DIOTEC Electronics Corporation S2G Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S2A THRU S2M
RATINGS AND CHARACTERISTIC CURVES
FIG.2 -MAXI MUM NON-REPETITIVE SU RGE CURRENT
NUMBER OF CYCL ES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FI G.4 -TYPI CAL REV ERSE CHARACTERI STICS
20
40
120
140
0
0.1
1.0
10
1000
100
60
80
100
TJ = 25 C
TJ = 125 C
FIG.1 -FORWARD CURRENT DERATING CURVE
20
60
80
100
120
0
40
140
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
LEAD TEMPERATURE , C
160
INST ANTANEOUS F ORWARD V OLTAGE, V OLTS
FIG.3 -TYPICAL FORW ARD CHARACTERISTICS
0.8
1.0
1.8
0.6
0.
1
1.
0
10
1.2
1.4
1.6
.0
1
TJ = 25 C
PULSEWIDTH:300us
0
0.2
0.4
1.0
1.5
2.0
2.5
0.5
40
50
60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com