Electronic Components Datasheet Search
  English  ▼

X  

ADG749 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG749
Description  CMOS Low Voltage 2.5ohm SPDT Switch In SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG749 Datasheet(HTML) 5 Page - Analog Devices

  ADG749 Datasheet HTML 1Page - Analog Devices ADG749 Datasheet HTML 2Page - Analog Devices ADG749 Datasheet HTML 3Page - Analog Devices ADG749 Datasheet HTML 4Page - Analog Devices ADG749 Datasheet HTML 5Page - Analog Devices ADG749 Datasheet HTML 6Page - Analog Devices ADG749 Datasheet HTML 7Page - Analog Devices ADG749 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG749
–5–
REV. 0
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
5.0
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
4.5
4.0
3.5
3.0
2.5
2.0
VDD = 2.7V
VDD = 3.0V
VDD = 4.5V
VDD = 5.0V
1.5
1.0
0.5
TA = 25 C
6.0
5.5
TPC 1. On Resistance as a Function of VD (VS) Single
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
5.0
0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
5.5
6.0
03.0
0.5
1.0
1.5
2.0
2.5
VDD = 3V
+85 C
+25 C
–40 C
TPC 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
3.5
4.0
4.5
VDD = 5V
5.0
4.5
4.0
+85 C
–40 C
+25 C
6.0
5.5
TPC 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V
Typical Performance Characteristics–
FREQUENCY – Hz
1n
10
100
1k
10k
100k
1M
10M
100M
10n
100n
1
10
100
1m
10m
1
VDD = 5V
TPC 4. Supply Current vs. Input Switching Frequency
FREQUENCY – Hz
–120
10k
100k
1M
10M
100M
–110
–100
–90
–130
–80
–70
–60
–50
–40
–30
VDD = 5V, 3V
0
TPC 5. Off Isolation vs. Frequency
FREQUENCY – Hz
–30
10k
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
100k
1M
10M
100M 0
VDD = 5V, 3V
TPC 6. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com