Electronic Components Datasheet Search
  English  ▼

X  

MJE802 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJE802
Description  4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE802 Datasheet(HTML) 3 Page - Motorola, Inc

  MJE802 Datasheet HTML 1Page - Motorola, Inc MJE802 Datasheet HTML 2Page - Motorola, Inc MJE802 Datasheet HTML 3Page - Motorola, Inc MJE802 Datasheet HTML 4Page - Motorola, Inc MJE802 Datasheet HTML 5Page - Motorola, Inc MJE802 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE700,T MJE702 MJE703 MJE800,T MJE802 MJE803
3
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
1.0
2.0
5.0
10
20
50
100
200
1000
500
θJC(t) = r(t) θJC
θJC = 3.12°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02
0.1
0.5
0.2
Figure 5. Thermal Response (MJE700, 800 Series)
0.03
3.0
30
300
0.3
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
100
2.0
5.0
0.5
Figure 6. MJE700 Series
MJE702, 703
MJE700
dc
1.0
3.0
1.0 ms
70
50
30
20
10
7.0
5.0
100
µs
TJ = 150°C
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
Figure 7. MJE800 Series
100
70
50
30
20
10
7.0
5.0
0.2
0.7
0.3
7.0
10
2.0
5.0
0.5
1.0
3.0
0.2
0.7
0.3
7.0
5.0 ms
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
100
µs
1.0 ms
5.0 ms
dc
TJ = 150°C
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
MJE802, 803
MJE800
ACTIVE–REGION SAFE–OPERATING AREA
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figures 6 and 7 are based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 4
or 5. At high case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown.
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
1.0
5.0
0.2
Figure 8. MJE700T
0.5
2.0
5.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
Figure 9. MJE800T
100
70
50
30
20
10
7.0
5.0
100
70
50
30
20
10
7.0
10
1.0
5.0
0.2
0.5
2.0
100
µs
1.0 ms
5.0 ms
dc
TJ = 150°C
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
100
µs
1.0 ms
5.0 ms
dc
TJ = 150°C
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com