Electronic Components Datasheet Search
  English  ▼

X  

MS369PJB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS369PJB
Description  High Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS369PJB Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS369PJB Datasheet HTML 1Page - Coilcraft lnc. MS369PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
3008 POWER INDUCTORS
Document MS438-1 Revised 08/11/11
High Reliability Power Inductors MS369PJB
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel.
Weight 22 – 25 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″ reel
Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing,
1.37 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤1.5 mm
■
High temperature materials allow operation in ambient
temperatures up to 155°C
■
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
■
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
1.When ordering, please specify
testing code:
MS369PJB104MSZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A or
equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or equivalent.
5. Typical DC current at which the inductance drops the specified amount
from its value without current.
6. Typical current that causes the specified temperature rise from 25°C
ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance2
DCR max3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
(Ohms)
min
typ
10% drop
20% drop 30% drop
20°C rise 40°C rise
MS369PJB561MSZ
0.56
0.072
231
330
1.8
2.0
2.1
1.1
1.6
MS369PJB801MSZ
0.80
0.092
178
255
1.6
1.7
1.8
0.88
1.3
MS369PJB102MSZ
1.0
0.125
154
220
1.3
1.4
1.5
0.72
1.0
MS369PJB152MSZ
1.5
0.134
119
170
1.1
1.3
1.3
0.70
0.96
MS369PJB222MSZ
2.2
0.175
105
150
1.0
1.1
1.1
0.68
0.88
MS369PJB332MSZ
3.3
0.285
79.8
114
0.81
0.86
0.88
0.59
0.76
MS369PJB472MSZ
4.7
0.350
60.9
87
0.68
0.73
0.74
0.54
0.64
MS369PJB562MSZ
5.6
0.450
54.6
78
0.62
0.67
0.70
0.46
0.58
MS369PJB682MSZ
6.8
0.500
52.5
75
0.58
0.61
0.63
0.40
0.54
MS369PJB822MSZ
8.2
0.600
42.7
61
0.52
0.56
0.58
0.36
0.48
MS369PJB103MSZ
10
0.650
39.2
56
0.46
0.51
0.52
0.34
0.45
MS369PJB123MSZ
12
0.790
34.3
49
0.45
0.48
0.50
0.30
0.40
MS369PJB183MSZ
18
1.25
26.6
38
0.35
0.38
0.40
0.26
0.35
MS369PJB223MSZ
22
1.50
24.5
35
0.29
0.33
0.34
0.23
0.30
MS369PJB333MSZ
33
2.30
16.1
23
0.27
0.30
0.31
0.20
0.26
MS369PJB473MSZ
47
3.00
14.7
21
0.22
0.23
0.24
0.17
0.22
MS369PJB683MSZ
68
4.75
12.6
18
0.18
0.19
0.20
0.14
0.18
MS369PJB104MSZ
100
6.85
9.8
14
0.15
0.16
0.16
0.13
0.17
MS369PJB124MSZ
120
7.00
9.1
13
0.084
0.094
0.10
0.11
0.15
MS369PJB154MSZ
150
8.00
7.7
11
0.080
0.088
0.092
0.10
0.14
MS369PJB184MSZ
180
9.00
7.0
10
0.070
0.078
0.082
0.10
0.13
MS369PJB224MSZ
220
11.50
6.3
9
0.067
0.073
0.076
0.080
0.12
MS369PJB334MSZ
330
18.00
4.9
7
0.059
0.064
0.066
0.070
0.10


Similar Part No. - MS369PJB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS3 ETC1-MS3 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MS3 BEL-MS3 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
logo
Crydom Inc.,
MS3 CRYDOM-MS3 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Bel Fuse Inc.
MS3 BEL-MS3 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
Environmentally friendly
More results

Similar Description - MS369PJB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com