Electronic Components Datasheet Search
  English  ▼

X  

MS414PJB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS414PJB
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS414PJB Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS414PJB Datasheet HTML 1Page - Coilcraft lnc. MS414PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-Reliability PowerInductorsMS414PJB
3314 POWER INDUCTORS
Document MS541-1 Revised 09/24/12
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel.
Weight 44.1 – 46.5 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
1.52 mm pocket depth
Recommended pick and place nozzle OD: 3.3 mm; ID:
≤ 1.65 mm
■
High temperature material allows operation in ambient
temperatures up to 155°C
■
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
■
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
1. When ordering, please specify
testing code:
MS414PJB105MSZ
Testing: Z =COTS
H=Screening per Coilcraft CP-SA-10001
N =Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using
an Agilent/HP 4192A. Inductance at 1 MHz is
the same for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or
equivalent.
5. DC current that causes the specified induc-
tance drop from its value without current.
6. Current that causes the specified temperature
rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Com-
ponents” before soldering.
Inductance DCR
Isat (A)5
Irms (A)6
±20%2
max3 SRF (MHz)
4
10% 20%
30% 20°C 40°C
Part number1
(µH)
(Ohms) min
typ
drop drop drop rise rise
MS414PJB102MSZ
1.0
0.055 150
215
1.8
1.9
1.9
1.3
1.7
MS414PJB222MSZ
2.2
0.100
98.0 140
1.1
1.4
1.5
0.96 1.3
MS414PJB332MSZ
3.3
0.145
80.5 115
0.98
1.2
1.3
0.80 1.1
MS414PJB472MSZ
4.7
0.175
60.2
86
0.97
0.99
1.0
0.72 1.0
MS414PJB562MSZ
5.6
0.220
51.8
74
0.92
0.95
0.98 0.66 0.88
MS414PJB682MSZ
6.8
0.240
50.4
72
0.82
0.83
0.86 0.66 0.88
MS414PJB822MSZ
8.2
0.270
42.0
60
0.58
0.75
0.78 0.56 0.80
MS414PJB103MSZ
10
0.330
38.5
55
0.56
0.66
0.70 0.52 0.70
MS414PJB153MSZ
15
0.440
31.5
45
0.46
0.56
0.59 0.50 0.66
MS414PJB183MSZ
18
0.575
25.9
37
0.44
0.51
0.54 0.42 0.54
MS414PJB223MSZ
22
0.720
23.8
34
0.44
0.48
0.49 0.36 0.48
MS414PJB333MSZ
33
0.920
18.9
27
0.30
0.38
0.40 0.34 0.46
MS414PJB473MSZ
47
1.40
15.4
22
0.28
0.33
0.34 0.28 0.38
MS414PJB563MSZ
56
1.55
13.3
19
0.26
0.30
0.31 0.26 0.34
MS414PJB683MSZ
68
1.80
11.9
17
0.22
0.26
0.29 0.24 0.32
MS414PJB823MSZ
82
2.00
9.8
14
0.20
0.24
0.26 0.23 0.31
MS414PJB104MSZ
100
2.75
9.1
13
0.19
0.23
0.24 0.21 0.30
MS414PJB124MSZ
120
3.45
7.7
11
0.19
0.21
0.22 0.18 0.24
MS414PJB154MSZ
150
4.10
7.0
10
0.16
0.19
0.20 0.16 0.22
MS414PJB184MSZ
180
4.80
6.3
9.0 0.14
0.17
0.18 0.15 0.20
MS414PJB224MSZ
220
6.00
4.90
7.0 0.14
0.16
0.17 0.13 0.18
MS414PJB334MSZ
330
9.30
4.20
6.0 0.11
0.12
0.13 0.10 0.14
MS414PJB474MSZ
470
12.0
3.15
4.5 0.080 0.11
0.11 0.10 0.13
MS414PJB564MSZ
560
14.0
3.15
4.5 0.095 0.105 0.11 0.090 0.12
MS414PJB684MSZ
680
18.5
2.80
4.0 0.092 0.100 0.105 0.080 0.10
MS414PJB824MSZ
820
24.0
2.59
3.7 0.086 0.099 0.100 0.070 0.090
MS414PJB105MSZ 1000
31.0
2.10
3.0 0.090 0.099 0.100 0.065 0.080
MS414PJB155MSZ 1500
44.0
1.89
2.7 0.080 0.086 0.090 0.050 0.060


Similar Part No. - MS414PJB

ManufacturerPart #DatasheetDescription
logo
Positronic.
MS4101D POSITRONIC-MS4101D Datasheet
4Mb / 86P
Positronic Provides Complete Capability
MS4102D POSITRONIC-MS4102D Datasheet
4Mb / 86P
Positronic Provides Complete Capability
MS4103D POSITRONIC-MS4103D Datasheet
4Mb / 86P
Positronic Provides Complete Capability
MS4104D POSITRONIC-MS4104D Datasheet
4Mb / 86P
Positronic Provides Complete Capability
logo
Coilcraft lnc.
MS410PZA COILCRAFT-MS410PZA Datasheet
200Kb / 2P
High Reliability Power Inductors
More results

Similar Description - MS414PJB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com