Electronic Components Datasheet Search
  English  ▼

X  

MS475RAT Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS475RAT
Description  High-Reliability Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS475RAT Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS475RAT Datasheet HTML 1Page - Coilcraft lnc. MS475RAT Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document MS184-1 Revised 09/08/11
Inductance2
Percent
SRF min4
DCR max5
Imax
Part number1
(nH)
tolerance
Q typ3
Qmin3
(GHz)
(mOhm)
(A)
MS475RAT22N_SZ
22
5,2
135
100
3.2
4.2
3.0
MS475RAT27N_SZ
27
5,2
135
100
2.7
4.0
3.5
MS475RAT33N_SZ
33
5,2
130
100
2.5
4.8
3.0
MS475RAT39N_SZ
39
5,2
135
100
2.1
4.4
3.0
MS475RAT47N_SZ
47
5,2
135
100
2.1
5.6
3.0
MS475RAT56N_SZ
56
5,2
125
100
1.5
6.2
3.0
MS475RAT68N_SZ
68
5,2
120
100
1.5
8.2
2.5
MS475RAT82N_SZ
82
5,2
120
100
1.3
9.4
2.5
MS475RATR10_SZ
100
5,2
115
100
1.2
12.3
1.7
MS475RATR12_SZ
120
5,2
125
100
1.1
17.3
1.5
MS475RATR15_SZ
150
5,2
145
100
0.75
33.0
1.2
High-ReliabilityAirCoreInductors
AIR CORE INDUCTORS
MS475RAT
■
High Q over a wide range of frequencies
■
High temperature materials allow operation in ambient
temperatures up to 155°C.
■
Tin-lead (Sn-Pb) terminations ensure the best possible
board adhesion
Terminations Tin-lead (63/37) over copper
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 500 per 7
″reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
4.2 mm pocket depth
1. When ordering, specify
tolerance and testing codes:
MS475RATR15GSZ
Tolerance: G = 2% J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured at 150 MHz on an Agilent/HP 4286A or equiva-
lent with a Coilcraft SMD-A test fixture and correlation.
3. Q measured at 150 MHz on an Agilent/HP 4291A or equivalent with a
16193A test fixture or equivalent.
4. SRF measured on an Agilent/HP 8753ES or equivalent with a Coilcraft
CCF1268 test fixture.
5. DCR measured on a Keithley 580 Micro-Ohmmeter or equivalent.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - MS475RAT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS470RAT18N_SZ COILCRAFT-MS470RAT18N_SZ Datasheet
560Kb / 2P
High-Reliability Air Core Inductors
MS470RAT22N_SZ COILCRAFT-MS470RAT22N_SZ Datasheet
560Kb / 2P
High-Reliability Air Core Inductors
MS470RAT28N_SZ COILCRAFT-MS470RAT28N_SZ Datasheet
560Kb / 2P
High-Reliability Air Core Inductors
MS470RAT36N_SZ COILCRAFT-MS470RAT36N_SZ Datasheet
560Kb / 2P
High-Reliability Air Core Inductors
MS470RAT43N_SZ COILCRAFT-MS470RAT43N_SZ Datasheet
560Kb / 2P
High-Reliability Air Core Inductors
More results

Similar Description - MS475RAT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML350RAT COILCRAFT-ML350RAT Datasheet
502Kb / 2P
High-Reliability Air Core Inductors
ML426RAT COILCRAFT-ML426RAT Datasheet
297Kb / 2P
High-Reliability Air Core Inductors
ML439RAT COILCRAFT-ML439RAT Datasheet
533Kb / 2P
High-Reliability Air Core Inductors
ML475RAT COILCRAFT-ML475RAT Datasheet
481Kb / 2P
High-Reliability Air Core Inductors
ML536RAT COILCRAFT-ML536RAT Datasheet
654Kb / 2P
High-Reliability Air Core Inductors
ML561_615_643RAU COILCRAFT-ML561_615_643RAU Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
MS350RAT COILCRAFT-MS350RAT Datasheet
537Kb / 2P
High-Reliability Air Core Inductors
MS439RAT COILCRAFT-MS439RAT Datasheet
560Kb / 2P
High-Reliability Air Core Inductors
MS536RAT COILCRAFT-MS536RAT Datasheet
659Kb / 2P
High-Reliability Air Core Inductors
MS561RAU COILCRAFT-MS561RAU Datasheet
593Kb / 3P
High-Reliability Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com