Electronic Components Datasheet Search
  English  ▼

X  

MS450RAB274JSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS450RAB274JSZ
Description  High-Reliability Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS450RAB274JSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS450RAB274JSZ Datasheet HTML 1Page - Coilcraft lnc. MS450RAB274JSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1812 CHIP INDUCTORS
Inductance2
L test
Percent
Q
Q test
SRF min4
DCR max5
Imax
Part number1
(µH)
freq (MHz)
tolerance
min3
freq (MHz)
(MHz)
(Ohms)
(mA)
MS450RAB123JSZ
12
2.5
5
22
0.79
55
2.0
280
MS450RAB153JSZ
15
2.5
5
22
0.79
45
2.5
260
MS450RAB183JSZ
18
2.5
5
24
0.79
37
2.8
240
MS450RAB223JSZ
22
2.5
5
20
0.79
32
3.2
210
MS450RAB273JSZ
27
2.5
5
24
0.79
27
3.6
200
MS450RAB333JSZ
33
2.5
5
22
0.79
23
4.0
190
MS450RAB393JSZ
39
2.5
5
20
0.79
19
4.5
185
MS450RAB473JSZ
47
2.5
5
24
0.79
16
5.0
180
MS450RAB563JSZ
56
2.5
5
22
0.79
13
5.5
170
MS450RAB683JSZ
68
2.5
5
24
0.79
10
6.0
150
MS450RAB823JSZ
82
2.5
5
24
0.79
9.0
7.0
135
MS450RAB104JSZ
100
2.5
5
24
0.79
8.5
8.0
135
MS450RAB124JSZ
120
0.79
5
25
0.79
8.5
11.5
110
MS450RAB154JSZ
150
0.79
5
23
0.79
8.5
13.0
100
MS450RAB184JSZ
180
0.79
5
24
0.79
8.0
14.2
85
MS450RAB224JSZ
220
0.79
5
23
0.79
6.0
16.2
80
MS450RAB274JSZ
270
0.79
5
23
0.79
5.0
20.5
75
MS450RAB334JSZ
330
0.79
5
24
0.79
4.5
22.5
70
MS450RAB394JSZ
390
0.79
5
14
0.25
3.5
24.5
65
MS450RAB474JSZ
470
0.79
5
15
0.25
3.0
26.5
65
MS450RAB564JSZ
560
0.79
5
13
0.25
2.0
28.5
65
MS450RAB684JSZ
680
0.79
5
13
0.25
1.9
38.5
60
MS450RAB824JSZ
820
0.79
5
13
0.25
1.6
41.0
50
MS450RAB105JSZ
1000
0.79
5
15
0.25
1.5
44.0
50
1. When ordering, please specify
testing code:
MS450RAB105JSZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance at 2.5 MHz measured using an Agilent/HP 4286A and
a Coilcraft SMD-A fixture with Coilcraft-provided correlation pieces.
Inductance at 0.79 MHz measured using an Agilent/HP 4192A and
Coilcraft SMD-B test fixture.
3. Q read at test frequency directly on an Agilent/HP 4192A LF imped-
ance analyzer and a Coilcraft SMD-B test fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
5. DCR measured on a Cambridge Technology micro-ohmmeter.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations Tin-lead (63/37) over silver-platinum-glass frit
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +200 to +700 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 600 per 7
″ reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
3.7 mm pocket depth
This robust version of Coilcraft’s standard 1812LS series
features high temperature materials that allow operation
in ambient temperatures up to 155°C.The leach-resistant
base metalization with tin-lead (Sn-Pb) terminations
ensures the best possible board adhesion.
High-Reliability Chip Inductors MS450RAB
Document MS106-2 Revised 10/11/11


Similar Part No. - MS450RAB274JSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
High-Reliability Chip Inductors
MS450RAA102JSZ COILCRAFT-MS450RAA102JSZ Datasheet
168Kb / 2P
High-Reliability Chip Inductors
MS450RAA122JSZ COILCRAFT-MS450RAA122JSZ Datasheet
168Kb / 2P
High-Reliability Chip Inductors
MS450RAA152_SZ COILCRAFT-MS450RAA152_SZ Datasheet
168Kb / 2P
High-Reliability Chip Inductors
MS450RAA182JSZ COILCRAFT-MS450RAA182JSZ Datasheet
168Kb / 2P
High-Reliability Chip Inductors
More results

Similar Description - MS450RAB274JSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
High Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
High-Reliability Chip Inductors
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
High-Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com