Electronic Components Datasheet Search
  English  ▼

X  

ADG783 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG783
Description  2.5 ohm Quad SPST Switches in Chip Scale Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG783 Datasheet(HTML) 5 Page - Analog Devices

  ADG783 Datasheet HTML 1Page - Analog Devices ADG783 Datasheet HTML 2Page - Analog Devices ADG783 Datasheet HTML 3Page - Analog Devices ADG783 Datasheet HTML 4Page - Analog Devices ADG783 Datasheet HTML 5Page - Analog Devices ADG783 Datasheet HTML 6Page - Analog Devices ADG783 Datasheet HTML 7Page - Analog Devices ADG783 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
ADG781/ADG782/ADG783
–5–
VDD
Most positive power supply potential.
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
∆RON
On-resistance match between any two chan-
nels (i.e., RON max and RON min).
RFLAT(ON)
Flatness is defined as the difference between
the maximum and minimum value of on
resistance as measured over the specified
analog signal range.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance.
CD (OFF)
“OFF” switch drain capacitance.
CD, CS (ON)
“ON” switch capacitance.
tON
Delay between applying the digital control
input and the output switching on.
tOFF
Delay between applying the digital control
input and the output switching off.
tD
“OFF” time or “ON” time measured
between the 90% points of both switches,
when switching from one address state to
another (ADG783 only).
Crosstalk
A measure of unwanted signal that is coupled
through from one channel to another as a
result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” switch.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
On Response
The frequency response of the “ON” switch.
On Loss
The loss due to the on resistance of the switch.
TERMINOLOGY
Typical Performance Characteristics
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
6
0
0
0.5
VDD = 2.7V
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
1.5
2
2.5
3
3.5
4
4.5
VDD = 3V
VDD = 4.5V
VDD = 5V
TA = 25 C
5
TPC 1. On Resistance as a Function of VD (VS)
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
6
0
0
+85 C
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
13
VDD = 3V
–40 C
0.5
1.5
2
2.5
+25 C
TPC 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
6
0
0
0.5
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDD = 5V
+85 C
–40 C
+25 C
TPC 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V
VDD = 5V
4 SW
1 SW
FREQUENCY – Hz
10m
1m
1n
100
10M
1k
10k
100k
1M
100
10
1
100n
10n
TPC 4. Supply Current vs. Input Switching Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com