Electronic Components Datasheet Search
  English  ▼

X  

ADG786 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG786
Description  2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG786 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG786 Datasheet HTML 4Page - Analog Devices ADG786 Datasheet HTML 5Page - Analog Devices ADG786 Datasheet HTML 6Page - Analog Devices ADG786 Datasheet HTML 7Page - Analog Devices ADG786 Datasheet HTML 8Page - Analog Devices ADG786 Datasheet HTML 9Page - Analog Devices ADG786 Datasheet HTML 10Page - Analog Devices ADG786 Datasheet HTML 11Page - Analog Devices ADG786 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
ADG786/ADG788
–8–
TEMPERATURE – C
0.25
5
VDD = 3V
VSS = GND
VD = 2.7V/1V
VS = 1V/2.7V
IS, ID (ON)
IS (OFF)
0.20
0.15
0.10
0.05
0
–0.05
20
35
50
65
80
–0.10
TPC 10. Leakage Currents as a
Function of Temperature
VSS = 3V
VDD = GND
VDD = +2.5V
VSS = –2.5V
VDD = 5V
VSS = GND
TA = 25 C
FREQUENCY – kHz
10m
0.1
1m
100
10
1
100n
10n
1
10
100
1000
10000
TPC 13. Input Current, IDD vs.
Switching Frequency
VOLTAGE – V
–3
–2
20
10
0
–10
–10
1
2
3
30
TA = 25 C
VDD = 5V
VSS = GND
VDD = +2.5V
VSS = –2.5V
VDD = 3V
VSS = GND
45
TPC 16. Charge Injection vs. Source
Voltage
TEMPERATURE – C
40
–20
35
30
25
20
15
10
020
40
60
80
0
VSS = GND
tON, VDD = 3V
tOFF, VDD = 3V
tON, VDD = 5V
tOFF, VDD = 5V
5
TPC 11. tON /tOFF Times vs.
Temperature
FREQUENCY – Hz
0
30k
–20
–40
–60
–80
–90
–100
100k
1M
10M
100M
–70
–50
–30
–10
VDD = 5V
TA = 25 C
TPC 14. Off Isolation vs. Frequency
FREQUENCY – HZ
0
10M
10k
–4
–2
100k
1M
100M
–6
–8
–10
–12
–14
–16
VDD = 5V
TA = 25 C
TPC 12. On Response vs. Frequency
FREQUENCY – Hz
0
30k
–20
–40
–60
–80
–90
100k
1M
10M
100M
VDD = 5V
TA = 25 C
–70
–50
–30
–10
TPC 15. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com