Electronic Components Datasheet Search
  English  ▼

X  

ADM1014 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1014
Description  Dual PCI Hot-PlugTM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1014 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1014 Datasheet HTML 4Page - Analog Devices ADM1014 Datasheet HTML 5Page - Analog Devices ADM1014 Datasheet HTML 6Page - Analog Devices ADM1014 Datasheet HTML 7Page - Analog Devices ADM1014 Datasheet HTML 8Page - Analog Devices ADM1014 Datasheet HTML 9Page - Analog Devices ADM1014 Datasheet HTML 10Page - Analog Devices ADM1014 Datasheet HTML 11Page - Analog Devices ADM1014 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM1014
–11–
REV.
PrN 1/02
3.3 Vaux
3.3V
5.0V
-12 V
37 5m A
3A
2A
50 m A
+12V
GN D
25 0m A
RL5
RL4
RL3
RL2
RL1
C1
C2
C3
C4
C5
Figure 4. Load Board for Typical Application Circuit
Main Board Components
Item Qty
Ref Des
Description
1
1
U1
ADM1014
2
1
SKT1
38 Pin Tssop Socket
3
4
Q1-4
IRF7413 Power Mosfet
4
4
D1-4
Green SMD LED
5
4
R1-4
5m
Metal Strip Resistor
6
2
R5-6
470
0805 chip resistor
7
2
R7-8
1K5
0805 chip resistor
8
2
R9-10
6K04
0805 chip resistor
9
8
C1-8
CAP,0.033UF
10
4
C9-12
CAP,0.47UF
11
3
C13-15
Electrolytic capacitor space
12
1
S1
SPDT Slide Switch
13
8
T1-8
Testpoint
14
2
P1-2
20 Pin Edge Conn Skt
15
4
J1 J4-J6
4mm 10A PCB Sockets-Red
16
1
J2
4mm 10A PCB Sockets-Green
17
1
J3
4mm 10A PCB Sockets-Black
18
4
P4-7
SMB
19
1
PCB
EVAL-ADM1014 Main Board
20
4
R11-12
4K7
0805 chip resistor
21
2
Load Board
Fully Assembled Load Board
Load Board Components
Item Qty
Ref Des
Description
1
1
PCB
EVAL-ADM1014Load Board
2
3
CL1-CL3
100uF 16V Electrolytic Caps
3
2
CL4-CL5
2200uF 16V Electrolytic Caps
4
1
RL1
47
6W (W22 Series) Res
5
1
RL2
240
2.5W (W21 Series) Res
6
1
RL3
10
6W (W22 Series) Res
7
1
RL4
2.2
12W (W24 Series) Res
8
1
RL5
1
12W (W24 Series) Res



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com