Electronic Components Datasheet Search
  English  ▼

X  

ADG788BCP Datasheet(PDF) 9 Page - Analog Devices

Part # ADG788BCP
Description  2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG788BCP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG788BCP Datasheet HTML 4Page - Analog Devices ADG788BCP Datasheet HTML 5Page - Analog Devices ADG788BCP Datasheet HTML 6Page - Analog Devices ADG788BCP Datasheet HTML 7Page - Analog Devices ADG788BCP Datasheet HTML 8Page - Analog Devices ADG788BCP Datasheet HTML 9Page - Analog Devices ADG788BCP Datasheet HTML 10Page - Analog Devices ADG788BCP Datasheet HTML 11Page - Analog Devices ADG788BCP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
ADG786/ADG788
–9–
IDS
V1
SD
VS
RON = V1/IDS
Test Circuit 1. On Resistance
Test Circuits
VD
IS (OFF)
SD
VS
A
Test Circuit 2. IS (OFF)
ID (ON)
SD
A
VD
NC
NC = NO CONNECT
Test Circuit 3. ID (ON)
S1A
D1
VS1B
IN/
EN
GND
RL
300
CL
35pF
VOUT
VDD
VDD
0.1 F
S1B
VS1A
VSS
VSS
0.1 F
tON
90%
90%
50%
50%
ADDRESS
DRIVE
VOUT
VS1B
VS1A
tOFF
Test Circuit 4. Switching Times, tON, tOFF
3V
50%
OUTPUT
50%
tON(EN)
0.9V0
0V
0V
ENABLE
DRIVE (VIN)
0.9V0
VO
tOFF(EN)
A2
VO
D1
VS
A1
A0
EN
GND
ADG786
S1A
S1B
VIN
50
RL
300
CL
35pF
VDD
VSS
VSS
VDD
0.1 F
Test Circuit 5. Enable Delay, tON (EN), tOFF (EN)
VOUT
D1
VS
GND
ADG786/
ADG788
SA
SB
VIN
50
ADDRESS*
*A0, A1, A2 for ADG786, IN1-4 for ADG788
VSS
0.1 F
VSS
VDD
VDD
0.1 F
RL
300
CL
35pF
ADDRESS
3V
VOUT
tOPEN
80%
80%
0V
VS
Test Circuit 6. Break-Before-Make Delay, tOPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com