Electronic Components Datasheet Search
  English  ▼

X  

ADM1020 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1020
Description  8-Lead, Low-Cost, System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1020 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1020 Datasheet HTML 4Page - Analog Devices ADM1020 Datasheet HTML 5Page - Analog Devices ADM1020 Datasheet HTML 6Page - Analog Devices ADM1020 Datasheet HTML 7Page - Analog Devices ADM1020 Datasheet HTML 8Page - Analog Devices ADM1020 Datasheet HTML 9Page - Analog Devices ADM1020 Datasheet HTML 10Page - Analog Devices ADM1020 Datasheet HTML 11Page - Analog Devices ADM1020 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. 0
ADM1020
–12–
8-Lead SOIC
(SO-8)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
BUILT-IN
SENSOR
PROCESSOR
HOST BUS
SECOND LEVEL
CACHE
HOST-TO-PCI
BRIDGE
MAIN MEMORY
(DRAM)
PCI BUS (3.3V OR 5V 30/33MHz)
PCI SLOTS
D–
D+
ADM1020
ALERT SCLK SDATA
CD ROM
HARD
DISK
BMI IDE
ULTRA DMA/33
8237 1AB
(PIIX4)
HARD
DISK
GPI [ I,O] (30+)
AUDIO
SERIAL PORT
PARALLEL PORT
FLOPPY DISK
CONTROLLER
INFRARED
SMBUS
KEYBOARD
BIOS
ISA/EIO BUS
(3.3V, 5V TOLERANT)
USB PORT 1
USB PORT 2
Figure 16. Typical System Using ADM1020
The SCLK, and SDATA pins of the ADM1020 can be inter-
faced directly to the SMBus of an I/O controller such as the
Intel PCI ISA IDE Xcelerator (PIIX4) chip type 82371AB.
Figure 16 shows how the ADM1020 might be integrated into a
system using this type of I/O controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com