Electronic Components Datasheet Search
  English  ▼

X  

ADM1030 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1030
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1030 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1030 Datasheet HTML 9Page - Analog Devices ADM1030 Datasheet HTML 10Page - Analog Devices ADM1030 Datasheet HTML 11Page - Analog Devices ADM1030 Datasheet HTML 12Page - Analog Devices ADM1030 Datasheet HTML 13Page - Analog Devices ADM1030 Datasheet HTML 14Page - Analog Devices ADM1030 Datasheet HTML 15Page - Analog Devices ADM1030 Datasheet HTML 16Page - Analog Devices ADM1030 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. 0
ADM1030
–13–
Table V. Fan Spin-Up Times
Spin-Up Time
Bits 2:0
(Fan Characteristics Register 1)
000
200 ms
001
400 ms
010
600 ms
011
800 ms
100
1 sec
101
2 secs (Default)
110
4 secs
111
8 secs
Once the Automatic Fan Speed Control Loop parameters have
been chosen, the ADM1030 device may be programmed. The
ADM1030 is placed into Automatic Fan Speed Control Mode
by setting Bit 7 of Configuration Register 1 (Register 0x00).
The device powers up into Automatic Fan Speed Control
Mode by default. The control mode offers further flexibility
in that the user can decide which temperature channel/chan-
nels control the fan.
Table VI. Auto Mode Fan Behavior
Bits 6, 5
Control Operation (Config Register 1)
00
Remote Temperature Controls the Fan.
11
Maximum Speed Calculated by Local and Remote
Temperature Channels Control the Fan.
When Bits 5 and 6 of Config Register 1 are both set to 1, it
offers increased flexibility. The local and remote temperature
channels can have independently programmed control loops
with different control parameters. Whichever control loop
calculates the fastest fan speed based on the temperature being
measured, drives the fan.
Figure 9 shows how the fan’s PWM duty cycle is determined by
two independent control loops. This is the type of Auto Mode
Fan Behavior seen when Bits 5 and 6 of Config Register 1 are
set to 11. Figure 9a shows the control loop for the Local Tem-
perature channel. Its TMIN value has been programmed to 20
°C,
and its TRANGE value is 40
°C. The local temperature’s T
MAX will
thus be 60
°C. Figure 9b shows the control loop for the Remote
Temperature channel. Its TMIN value has been set to 0
°C, while its
TRANGE = 80
°C. Therefore, the Remote Temperature’s T
MAX
value will be 80
°C.
Consider if both temperature channels measure 40
°C. Both
control loops will calculate a PWM duty cycle of 66%. There-
fore, the fan will be driven at 66% duty cycle.
If both temperature channels measure 20
°C, the local channel
will calculate 33% PWM duty cycle, while the remote channel
will calculate 50% PWM duty cycle. Thus, the fan will be
driven at 50% PWM duty cycle. Consider the local temperature
measuring 60
°C while the remote temperature is measuring
70
°C. The PWM duty cycle calculated by the local temperature
control loop will be 100% (since the temperature = TMAX). The
PWM duty cycle calculated by the remote temperature control
loop at 70
°C will be approximately 90%. So the fan will run
full-speed (100% duty cycle). Remember, that the fan speed will
be based on the fastest speed calculated, and is not necessarily
based on the highest temperature measured. Depending on the
control loop parameters programmed, a lower temperature on
one channel, may actually calculate a faster speed, than a higher
temperature on the other channel.
LOCAL TEMPERATURE – C
0
100
93
87
80
73
66
60
53
47
40
33
TMIN
TMAX = T MIN + T RANGE
20
40
60
a.
REMOTE TEMPERATURE – C
0
100
93
87
80
73
66
60
53
47
40
33
TMIN
TMAX = T MIN + T RANGE
20
40
80
70
T RANGE
=
80
C
b.
Figure 9. Max Speed Calculated by Local and Remote
Temperature Control Loops Drives Fan
PROGRAMMING THE AUTOMATIC FAN SPEED
CONTROL LOOP
1. Program a value for TMIN.
2. Program a value for the slope TRANGE.
3. TMAX = TMIN + TRANGE.
4. Program a value for Fan Spin-up Time.
5. Program the desired Automatic Fan Speed Control Mode
Behavior, i.e., which temperature channel controls the fan.
6. Select Automatic Fan Speed Control Mode by setting Bit 7
of Configuration Register 1.
OTHER CONTROL LOOP PARAMETERS
Having programmed all the above loop parameters, are there
any other parameters to worry about?
TMIN was defined as being the temperature at which the fan switched
on and ran at minimum speed. This minimum speed is 33% duty
cycle by default. If the minimum PWM duty cycle is programmed
to 33%, the fan control loops will operate as previously described.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com