Electronic Components Datasheet Search
  English  ▼

X  

PSMN2R5-60PL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN2R5-60PL
Description  N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R5-60PL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN2R5-60PL Datasheet HTML 3Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 4Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 5Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 6Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 7Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 8Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 9Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 10Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
PSMN2R5-60PL
N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
PSMN2R5-60PL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
7 February 2013
7 / 13
003aag347
0
100
200
300
400
0
2
4
6
VGS (V)
ID
(A)
Tj = 25 °C
Tj = 175 °C
Fig. 8. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
003aah025
0
0.5
1
1.5
2
2.5
3
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 9. Gate-source threshold voltage as a function of
junction temperature
003aah026
10-6
10-5
10-4
10-3
10-2
10-1
0
1
2
3
VGS (V)
ID
(A)
max
typ
min
Fig. 10. Sub-threshold drain current as a function of
gate-source voltage
003aai165
0
2.5
5
7.5
10
0
90
180
270
360
ID(A)
RDSon
(mΩ)
VGS(V) = 10
5
2.8
2.6
3
3.5
Tj = 25 °C; tp = 300 μs
Fig. 11. Drain-source on-state resistance as a function
of drain current; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com