Electronic Components Datasheet Search
  English  ▼

X  

ST475RAT Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST475RAT
Description  Air Core Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST475RAT Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST475RAT Datasheet HTML 1Page - Coilcraft lnc. ST475RAT Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document ST184-1 Revised 04/12/11
AirCoreInductorsforCriticalApplicationsST475RAT
AIR CORE INDUCTORS
■
High Q over a wide range of frequencies
■
Excellent current handling
■
Acrylic top provides a flat surface for pick and place
■
Solder coated leads ensure reliable soldering
Terminations RoHS compliant tin-silver over copper. Other termina-
tions available at additional cost.
Ambient temperature –40°C to +125°C with Imax current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 500 per 7
″reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 4.2 mm pocket depth
Inductance2
Percent
SRF min4
DCR max5
Imax
Part number1
(nH)
tolerance
Q typ3
Qmin3
(GHz)
(mOhm)
(A)
ST475RAT22N_LZ
22
5,2
135
100
3.2
4.2
3.0
ST475RAT27N_LZ
27
5,2
135
100
2.7
4.0
3.5
ST475RAT33N_LZ
33
5,2
130
100
2.5
4.8
3.0
ST475RAT39N_LZ
39
5,2
135
100
2.1
4.4
3.0
ST475RAT47N_LZ
47
5,2
135
100
2.1
5.6
3.0
ST475RAT56N_LZ
56
5,2
125
100
1.5
6.2
3.0
ST475RAT68N_LZ
68
5,2
120
100
1.5
8.2
2.5
ST475RAT82N_LZ
82
5,2
120
100
1.3
9.4
2.5
ST475RATR10_LZ
100
5,2
115
100
1.2
12.3
1.7
ST475RATR12_LZ
120
5,2
125
100
1.1
17.3
1.5
ST475RATR15_LZ
150
5,2
145
100
0.75
33.0
1.2
1. When ordering, specify
tolerance, termination and testing codes:
ST475RATR15GLZ
Tolerance: G = 2% J = 5%
Termination: L = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) over copper or
S = non-RoHS tin-lead (63/37) over copper.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured at 150 MHz on an Agilent/HP 4286A or equivalent
with a Coilcraft SMD-A test fixture and correlation.
3. Q measured at 150 MHz on an Agilent/HP 4291A or equivalent with a
16193A test fixture or equivalent.
4. SRF measured on an Agilent/HP 8753ES or equivalent with a Coilcraft
CCF1268 test fixture.
5. DCR measured on a Keithley 580 Micro-Ohmmeter or equivalent.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - ST475RAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST47-125T2KI VISHAY-ST47-125T2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST47-125T2MI VISHAY-ST47-125T2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST47-60T1KI VISHAY-ST47-60T1KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST47-60T1MI VISHAY-ST47-60T1MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST470-30T2KI VISHAY-ST470-30T2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST475RAT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST350RAT COILCRAFT-ST350RAT Datasheet
451Kb / 2P
Air Core Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST439RAT COILCRAFT-ST439RAT Datasheet
480Kb / 2P
Air Core Inductors for Critical Applications
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
Coupled Inductors for Critical Applications
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
Coupled Inductors for Critical Applications
ST536RAT COILCRAFT-ST536RAT Datasheet
693Kb / 2P
Air Core Inductors for Critical Applications
ST573RAS COILCRAFT-ST573RAS Datasheet
431Kb / 2P
Air Core Inductor for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com