Electronic Components Datasheet Search
  English  ▼

X  

ST511PNA Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST511PNA
Description  Power Inductor for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST511PNA Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST511PNA Datasheet HTML 1Page - Coilcraft lnc. ST511PNA Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Power InductorforCriticalApplicationsST511PNA
6132 POWER INDUCTORS
Document ST641-1 Revised 09/23/11
Core material Ferrite
Terminations RoHS compliant gold over nickel over phos bronze.
Other terminations available at additional cost.
Weight 0.33 – 0.38 g
Ambient temperature –40°C to +85°C with Irms current,
+85°C to +125°C with derated current
Storage temperature Component: –55°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 500/7
″ reel; Plastic tape: 16 mm wide, 0.3 mm thick,
12 mm pocket spacing, 3.1 mm pocket depth
PCB washing Only pure water or alcohol recommended
Inductance2
DCR max
SRF typ3
Isat (A)4
Irms (A)5
Part number1
±20% (µH)
(Ohms)
(MHz)
10% drop
20% drop 30% drop
20°C rise 40°C rise
ST511PNA472MLZ
4.7
0.056
65.0
2.18
2.60
2.84
2.30
3.10
ST511PNA562MLZ
5.6
0.060
60.0
2.10
2.50
2.74
2.20
2.95
ST511PNA682MLZ
6.8
0.065
47.0
1.80
2.12
2.30
2.10
2.80
ST511PNA822MLZ
8.2
0.070
45.0
1.78
2.06
2.22
2.00
2.65
ST511PNA103MLZ
10
0.085
39.0
1.36
1.64
1.84
1.90
2.50
ST511PNA123MLZ
12
0.110
33.0
1.30
1.54
1.70
1.75
2.35
ST511PNA153MLZ
15
0.135
27.0
1.16
1.42
1.56
1.65
2.20
ST511PNA183MLZ
18
0.160
24.0
1.04
1.22
1.36
1.55
2.05
ST511PNA223MLZ
22
0.190
21.0
0.97
1.12
1.22
1.45
1.90
ST511PNA273MLZ
27
0.235
19.0
0.91
1.08
1.18
1.30
1.75
ST511PNA333MLZ
33
0.310
18.0
0.81
0.96
1.10
1.20
1.60
ST511PNA393MLZ
39
0.345
17.0
0.79
0.92
0.99
1.10
1.45
ST511PNA473MLZ
47
0.380
16.0
0.72
0.86
0.93
0.95
1.30
ST511PNA563MLZ
56
0.430
14.0
0.61
0.72
0.79
0.85
1.15
ST511PNA683MLZ
68
0.580
12.0
0.55
0.63
0.69
0.73
1.00
ST511PNA823MLZ
82
0.640
10.0
0.53
0.62
0.67
0.60
0.85
ST511PNA104MLZ
100
0.820
9.0
0.45
0.54
0.59
0.50
0.69
1. When ordering, please specify
termination and testing codes:
ST511PNA104MLZ
Termination: L = RoHS compliant gold over nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Testing:
Z = COTS
H= Screening per Coilcraft CP-SA-10001
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/
HP 4263B LCR meter or equivalent.
3. SRF measured using Agilent/HP 4191A or equilvalent.
4. DC current at which the inductance drops the specified amount from
its value without current.
5. Current that causes the specified temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
■
6.1 × 6.1 mm footprint; 3.2 mm high shielded inductors
■
Low DCR and excellent current handling


Similar Part No. - ST511PNA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST5100 SMC-ST5100 Datasheet
168Kb / 8P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST5100 SMCDIODE-ST5100 Datasheet
443Kb / 7P
SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
ST5100BAX SMC-ST5100BAX Datasheet
115Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
logo
SMC Diode Solutions Co....
ST5100BAX SMCDIODE-ST5100BAX Datasheet
781Kb / 4P
SCHOTTKY RECTIFIER
Rev.A
logo
Sangdest Microelectroni...
ST5100S SMC-ST5100S Datasheet
132Kb / 5P
All SMC parts are traceable to the wafer lot
More results

Similar Description - ST511PNA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP-10-250 ETC-LP-10-250 Datasheet
181Kb / 1P
For Low Power and Critical Height Applications
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
Power Inductor for Critical Applications
ST336PHA COILCRAFT-ST336PHA Datasheet
465Kb / 2P
Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
Power Inductor for Critical Applications
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
Power Inductor for Critical Applications
ST515PMM COILCRAFT-ST515PMM Datasheet
299Kb / 3P
Power Inductor for Critical Applications
ST573RAS COILCRAFT-ST573RAS Datasheet
431Kb / 2P
Air Core Inductor for Critical Applications
ST598PTA COILCRAFT-ST598PTA Datasheet
354Kb / 2P
Power Inductors for Critical Applications
logo
Bel Fuse Inc.
LP-10-250 BEL-LP-10-250 Datasheet
175Kb / 2P
For Low Power and Critical Height Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com