Electronic Components Datasheet Search
  English  ▼

X  

ADM1052 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1052
Description  Precision Dual Voltage Regulator Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1052 Datasheet(HTML) 5 Page - Analog Devices

  ADM1052 Datasheet HTML 1Page - Analog Devices ADM1052 Datasheet HTML 2Page - Analog Devices ADM1052 Datasheet HTML 3Page - Analog Devices ADM1052 Datasheet HTML 4Page - Analog Devices ADM1052 Datasheet HTML 5Page - Analog Devices ADM1052 Datasheet HTML 6Page - Analog Devices ADM1052 Datasheet HTML 7Page - Analog Devices ADM1052 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
ADM1052
–5–
TEMPERATURE – C
2.544
0
2.542
2.540
2.538
2.536
2.534
10
20
30
40
50
60
70
80
90
2.532
2.530
2.528
TPC 7. Regulator Output Voltage vs. Temperature
Tek Stop: Single Seq 50.0MS/s
[]
Stop:
T
Ch1 20.0mV
M 1.00 s Ch1
–45.0mV
W
B
Ch1
1
T
TPC 8. Transient Response Channel 1, 10 mA to 2 A
Output Load Step
Tek Stop: Single Seq 50.0MS/s
[]
Stop:
T
Ch1 20.0mV
M 1.00 s Ch1
5.2mV
W
B
Ch1
1
T
TPC 9. Transient Response Channel 1, 2 A to 10 mA
Output Load Step
Tek Stop: Single Seq 50.0MS/s
[]
Stop:
T
1
Ch1 20.0mV
M 1.00 s Ch1
–40mV
W
B
Ch1
T
TPC 10. Transient Response Channel 2, 10 mA to 2 A
Output Load Step
Tek Stop: Single Seq 50.0MS/s
[]
Stop:
T
1
Ch1 20.0mV
M 1.00 s Ch1
37.6mV
W
B
Ch1
T
TPC 11. Transient Response Channel 2, 2 A to 10 mA
Output Load Step
Tek Stop: 10.0kS/s
0Acqs
[]
Stop:
1
Ch1 10.0mV
M 5.00 s Ch1
800mV
W
B
Ch1
T
T
TPC 12. Force Output In Hiccup Mode, Channel 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com