Electronic Components Datasheet Search
  English  ▼

X  

ADM1052JR Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1052JR
Description  Precision Dual Voltage Regulator Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1052JR Datasheet(HTML) 7 Page - Analog Devices

  ADM1052JR Datasheet HTML 1Page - Analog Devices ADM1052JR Datasheet HTML 2Page - Analog Devices ADM1052JR Datasheet HTML 3Page - Analog Devices ADM1052JR Datasheet HTML 4Page - Analog Devices ADM1052JR Datasheet HTML 5Page - Analog Devices ADM1052JR Datasheet HTML 6Page - Analog Devices ADM1052JR Datasheet HTML 7Page - Analog Devices ADM1052JR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
ADM1052
–7–
APPLICATIONS INFORMATION
PCB LAYOUT
For optimum voltage regulation, the loads should be placed as
close as possible to the source of the output MOSFETs and
feedback to the sense inputs should be taken from a point as
close to the loads as possible. The PCB tracks from the loads
back to the sense inputs should be separate from the output
tracks and not carry any load current.
Similarly, the ground connection to the ADM1052 should be
made as close as possible to the ground of the loads, and the
ground track from the loads to the ADM1052 should not carry
load current. Correct and incorrect layout practice is illustrated
in Figure 3.
12V SUPPLY
VREF TURN-ON
THRESHOLD
POR THRESHOLD
6V – 9V
GATE DRIVE TO
EXTERNAL MOSFET
MOSFET GATE
THRESHOLD
3.3V SUPPLY
TO EXTERNAL
MOSFET DRAIN
CHANNEL 1
OR CHANNEL 2
OUTPUT VOLTAGE
NORMAL OUTPUT VOLTAGE
FAULT
REMOVED
OUTPUT < 0.8
VREG
CHANNEL 1
OR CHANNEL 2
OUTPUT CURRENT
HICCUP MODE
HOLD-OFF TIME
2 AMPS
DEVICE
ENTERS
HICCUP MODE
FAULT
CURRENT
1:40 DUTY CYCLE
OFF
ON
Figure 2. Power-On Reset and Hiccup Mode
LOAD 1
LOAD 2
VIN
3.3V
FORCE 1
FORCE 2
SENSE 1
SENSE 2
GND
VCC
12V
VOUT1
VOUT2
I1
I2
LOAD 1
LOAD 2
VIN
3.3V
FORCE 1
FORCE 2
SENSE 1
SENSE 2
GND
VCC
12V
VOUT1
VOUT2
I1 + I2
VOLTAGE DROP
IN GROUND LEAD
VOLTAGE DROP
BETWEEN OUTPUT
AND LOAD
I1
I2
CORRECT
INCORRECT
Figure 3. Correct and Incorrect Layout Practice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com