Electronic Components Datasheet Search
  English  ▼

X  

ADM1232 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1232
Description  Microprocessor Supervisory Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1232 Datasheet(HTML) 3 Page - Analog Devices

  ADM1232 Datasheet HTML 1Page - Analog Devices ADM1232 Datasheet HTML 2Page - Analog Devices ADM1232 Datasheet HTML 3Page - Analog Devices ADM1232 Datasheet HTML 4Page - Analog Devices ADM1232 Datasheet HTML 5Page - Analog Devices ADM1232 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADM1232
–3–
REV. B
ORDERING GUIDE
Temperature
Package
Model
Range
Options*
ADM1232ARM
–40
°C to +85°CRM-8
ADM1232AN
–40
°C to +85°C
N-8
ADM1232ARW
–40
°C to +85°C
R-16
ADM1232ARN
–40
°C to +85°C
R-8
*N= Plastic DIP; R = Small Outline; RM = microSOIC.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
N-8
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
Derate by 13.5 mW/
°C above 25°C
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 100
°C/W
R-16
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 900 mW
Derate by 12 mW/
°C above 25°C
θ
JA Thermal Impedance (Still Air)
. . . . . . . . . . . . . . 73
°C/W
RM-8
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 900 mW
Derate by 12 mW/
°C above 25°C
θ
JA Thermal Impedance (Still Air)
. . . . . . . . . . . . . 206
°C/W
R-8
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900
µW
Derate by 12 mW/
°C above 25°C
θ
JA Thermal Impedance (Still Air)
. . . . . . . . . . . . . 153
°C/W
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods of time may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADM1232 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com