Electronic Components Datasheet Search
  English  ▼

X  

AON7902 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON7902
Description  30V Dual Asymmetric N-Channel MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7902 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON7902 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AON7902
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.3
1.8
2.3
V
ID(ON)
90
A
17
21
TJ=125°C
24
29
22
28
m
Ω
gFS
33
S
VSD
0.7
V
IS
20
A
Ciss
470
590
710
pF
Coss
250
360
470
pF
Crss
13
23
40
pF
Rg
0.7
1.5
2.3
Ω
Qg(10V)
7
9
11.0
nC
Qg(4.5V)
3
4
5.0
nC
Qgs
1.5
nC
Qgd
1.5
nC
tD(on)
6
ns
tr
3
ns
tD(off)
18
ns
tf
3
ns
trr
8
11
14
ns
Qrr
15
19
23
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=8A, dI/dt=500A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=1.8Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Reverse Transfer Capacitance
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=15V, ID=8A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
On state drain current
IS=1A,VGS=0V
VDS=5V, ID=8A
VGS=4.5V, ID=4A
Forward Transconductance
Diode Forward Voltage
VGS=10V, VDS=5V
VGS=10V, ID=8A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Ω
IF=8A, dI/dt=500A/µs
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Q1 Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on RθJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initial TJ =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink,
assuming a maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
G. The maximum current rating is limited by package.
H. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C.
Rev 0: Jan 2011
www.aosmd.com
Page 2 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com