Electronic Components Datasheet Search
  English  ▼

X  

7934 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # 7934
Description  30V Dual Asymmetric N-Channel AlphaMOS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

7934 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  7934 Datasheet HTML 1Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 2Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 3Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 4Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 5Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 6Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 7Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 8Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AON7934
Q1-CHANNEL: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased
1ms
100us
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
10
µs
0
2
4
6
8
10
0
2
4
6
8
10
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
100
200
300
400
500
600
700
0
5
10
15
20
25
30
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
C
oss
C
rss
V
DS=15V
I
D=13A
T
J(Max)=150°C
T
C=25°C
Figure 9: Maximum Forward Biased
Safe Operating Area (Note F)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJC=5.4°C/W
Rev 0: April 2012
www.aosmd.com
Page 4 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com