Electronic Components Datasheet Search
  English  ▼

X  

PE9218 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9218
Description  7mm TO TNC FEMALE, PRECISION ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9218 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9218 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9218

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9210 PASTERNACK-PE9210 Datasheet
251Kb / 3P
HN Male to HN Male Adapter
logo
Pulse A Technitrol Comp...
PE92108KNL PULSE-PE92108KNL Datasheet
381Kb / 2P
Inductors Designed for National’s 50 kHz Simple Switcher™
02/16
PE92109KNL PULSE-PE92109KNL Datasheet
100Kb / 2P
Toroid - Vertical, Low Profile and KlipMount?
logo
Pasternack Enterprises,...
PE9211 PASTERNACK-PE9211 Datasheet
241Kb / 3P
MHV Tee Adapter Female-Male-Female
PE9212 PASTERNACK-PE9212 Datasheet
235Kb / 2P
HN Female to C Male Adapter
More results

Similar Description - PE9218

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
Precision 7mm Sexless to BNC Female Adapter
PE9219 PASTERNACK-PE9219 Datasheet
105Kb / 1P
7mm TO TNC MALE, PRECISION ADAPTER
PE9216 PASTERNACK-PE9216 Datasheet
84Kb / 1P
7mm TO N FEMALE, PRECISION ADAPTER
PE9325 PASTERNACK-PE9325 Datasheet
254Kb / 3P
Precision 3.5mm Female to 7mm Sexless Adapter
PE9328 PASTERNACK-PE9328 Datasheet
118Kb / 1P
7mm TO SC FEMALE, PRECISION ADAPTER
PE9356 PASTERNACK-PE9356 Datasheet
251Kb / 3P
Precision SSMA Female to 7mm Sexless Adapter
PE9443 PASTERNACK-PE9443 Datasheet
256Kb / 3P
Precision TNC Male to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9459 PASTERNACK-PE9459 Datasheet
83Kb / 1P
7mm TO 2.4mm FEMALE, PRECISION ADAPTER
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com