Electronic Components Datasheet Search
  English  ▼

X  

ADM207EAR Datasheet(PDF) 7 Page - Analog Devices

Part # ADM207EAR
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM207EAR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM207EAR Datasheet HTML 3Page - Analog Devices ADM207EAR Datasheet HTML 4Page - Analog Devices ADM207EAR Datasheet HTML 5Page - Analog Devices ADM207EAR Datasheet HTML 6Page - Analog Devices ADM207EAR Datasheet HTML 7Page - Analog Devices ADM207EAR Datasheet HTML 8Page - Analog Devices ADM207EAR Datasheet HTML 9Page - Analog Devices ADM207EAR Datasheet HTML 10Page - Analog Devices ADM207EAR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
REV. B
–7–
Typical Performance Curves
LOG FREQUENCY – MHz
80
70
0
0.3
30
0.6
1
60
50
10
40
30
20
36
18
LIMIT
Figure 11. EMC Conducted Emissions
CL – pF
8
–4
50
2500
1000
2000
6
4
2
0
–2
–6
–8
TOUT (+VE)
TOUT (–VE)
Figure 12. Transmitter Output Voltage High/Low vs.
Load Capacitance @ 230 kbps
3.0
9.7
4.0
5.0
6.0
7.0
8.0
VCC = 5V
18
6
16
14
12
10
8
4
2
0
TOUT – V
Figure 13. Transmitter Output Voltage High vs.
Load Current
START 30.0 MHz
STOP 200.0 MHz
LIMIT
80
70
60
50
40
30
20
10
0
Figure 14. EMC Radiated Emissions
VCC – V
10
–2
3.0
5.5
3.5
4.0
4.5
5.0
8
6
4
2
0
–4
–6
–8
–10
VCC = +5V
RL = 3k
Figure 15. Transmitter Output Voltage vs. VCC
18
6
–9.8
–3.0
–8.0
–7.0
–6.0
–5.0
–4.0
16
14
12
10
8
4
2
0
VCC = +5V
TOUT – V
Figure 16. Transmitter Output Voltage Low vs.
Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com