Electronic Components Datasheet Search
  English  ▼

X  

ADM3485EAR Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3485EAR
Description  ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485EAR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3485EAR Datasheet HTML 3Page - Analog Devices ADM3485EAR Datasheet HTML 4Page - Analog Devices ADM3485EAR Datasheet HTML 5Page - Analog Devices ADM3485EAR Datasheet HTML 6Page - Analog Devices ADM3485EAR Datasheet HTML 7Page - Analog Devices ADM3485EAR Datasheet HTML 8Page - Analog Devices ADM3485EAR Datasheet HTML 9Page - Analog Devices ADM3485EAR Datasheet HTML 10Page - Analog Devices ADM3485EAR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
OUTPUT LOW VOLTAGE – V
14
0
0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
12
8
6
4
2
10
Figure 13. Output Current vs. Receiver Output Low
Voltage
TEMPERATURE – C
0.8
0.1
–50
90
–30
–10
10
30
50
70
0.7
0.5
0.4
0.3
0.2
0.6
110
Figure 14. Receiver Output Low Voltage vs. Temperature
DIFFERENTIAL OUTPUT VOLTAGE – V
120
0
3.0
0.5
1.0
1.5
2.0
2.5
100
60
40
20
0
80
Figure 15. Driver Output Current vs. Differential
Output Voltage
Typical Performance Characteristics–ADM3485E
–7–
OUTPUT HIGH VOLTAGE – V
12
0
3.0
0.5
1.0
1.5
2.0
2.5
10
6
4
2
0
8
3.5
Figure 16. Output Current vs. Receiver Output High
Voltage
TEMPERATURE – C
3.30
–50
70
–30
–10
10
30
50
3.25
3.15
3.10
3.05
2.90
3.20
3.00
2.95
90
110
Figure 17. Receiver Output High Voltage vs. Temperature
TEMPERATURE – C
2.6
–50
70
–30
–10
10
30
50
2.5
2.3
2.2
2.1
1.8
2.4
2.0
1.9
90
110
1.7
1.6
Figure 18. Driver Differential Output Voltage vs. Temperature
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com