Electronic Components Datasheet Search
  English  ▼

X  

AOB286L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB286L
Description  80V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB286L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB286L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB286L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB286L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB286L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB286L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB286L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT286L/AOB286L
80V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
70A
RDS(ON) (at VGS=10V)
< 6.0m
Ω (< 5.7mΩ∗)
RDS(ON) (at VGS=6V)
< 7.9m
Ω (< 7.6mΩ∗)
100% UIS Tested
100% Rg Tested
Symbol
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
80V
The AOT286L/AOB286L uses Trench MOSFET
technology that is uniquely optimized to provide the most
efficient high frequency switching performance. Both
conduction and switching power losses are minimized
due to an extremely low combination of RDS(ON), Ciss and
Coss. This device is ideal for boost converters and
synchronous rectifiers for consumer, telecom, industrial
power supplies and LED backlighting.
Maximum
Units
G
D
S
TO220
Top View
Bottom View
G
G
S
D
D
S
D
D
TO-263
D2PAK
Top View
Bottom View
D
D
S
G
G
S
Symbol
VDS
VGS
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Parameter
Typ
Max
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.7
60
0.9
W
Power Dissipation
A
PDSM
W
TA=70°C
167
1.3
TA=25°C
TC=25°C
2.1
83
TC=100°C
Power Dissipation
B
PD
TA=70°C
ID
70
55
TC=25°C
TC=100°C
245
Pulsed Drain Current
C
Continuous Drain
Current
G
Parameter
mJ
Avalanche Current
C
10.5
Continuous Drain
Current
125
13
A
50
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
48
15
V
±20
Gate-Source Voltage
Drain-Source Voltage
80
V
Maximum
Units
Rev 0: Nev. 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AOB286L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB286L AOSMD-AOB286L Datasheet
284Kb / 6P
80V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOB286L VBSEMI-AOB286L Datasheet
2Mb / 9P
N-Channel 80 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOB286L ISC-AOB286L Datasheet
283Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOB286L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
80V N-Channel MOSFET
FQPF17N08 FAIRCHILD-FQPF17N08 Datasheet
600Kb / 8P
80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com