Electronic Components Datasheet Search
  English  ▼

X  

AOB296L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB296L
Description  100V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB296L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB296L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB296L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB296L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB296L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB296L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB296L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT296L/AOB296L
100V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
70A
RDS(ON) (at VGS=10V)
< 10m
Ω (< 9.7mΩ∗)
RDS(ON) (at VGS=6V)
< 12.5m
Ω (< 12.2mΩ∗)
100% UIS Tested
100% Rg Tested
Symbol
The AOT296L/AOB296L uses Trench MOSFET
technology that is uniquely optimized to provide the most
efficient high frequency switching performance. Both
conduction and switching power losses are minimized
due to an extremely low combination of RDS(ON), Ciss and
Coss. This device is ideal for boost converters and
synchronous rectifiers for consumer, telecom, industrial
power supplies and LED backlighting.
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
100V
G
D
S
TO220
Top View
Bottom View
G
G
S
D
D
S
D
D
TO-263
D2PAK
Top View
Bottom View
D
D
S
G
G
S
Symbol
VDS
VGS
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
48
15
V
±20
Gate-Source Voltage
Drain-Source Voltage
100
V
Maximum
Units
Parameter
mJ
Avalanche Current
C
7.5
Continuous Drain
Current
80
9.5
A
40
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
TA=70°C
ID
70
50
TC=25°C
TC=100°C
180
Pulsed Drain Current
C
Continuous Drain
Current
G
W
Power Dissipation
A
PDSM
W
TA=70°C
107
1.3
TA=25°C
TC=25°C
2.1
54
TC=100°C
Power Dissipation
B
PD
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
1.1
60
1.4
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Parameter
Typ
Max
Prelim: Sep. 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AOB296L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB296L AOSMD-AOB296L Datasheet
278Kb / 6P
100V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOB296L VBSEMI-AOB296L Datasheet
969Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOB296L ISC-AOB296L Datasheet
282Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOB296L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com