Electronic Components Datasheet Search
  English  ▼

X  

ADM207EARU Datasheet(PDF) 15 Page - Analog Devices

Part # ADM207EARU
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM207EARU Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM207EARU Datasheet HTML 8Page - Analog Devices ADM207EARU Datasheet HTML 9Page - Analog Devices ADM207EARU Datasheet HTML 10Page - Analog Devices ADM207EARU Datasheet HTML 11Page - Analog Devices ADM207EARU Datasheet HTML 12Page - Analog Devices ADM207EARU Datasheet HTML 13Page - Analog Devices ADM207EARU Datasheet HTML 14Page - Analog Devices ADM207EARU Datasheet HTML 15Page - Analog Devices ADM207EARU Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
REV. B
–15–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead TSSOP (RU-24)
24
13
12
1
0.311 (7.90)
0.303 (7.70)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
°
0
°
28-Lead TSSOP (RU-28)
28
15
14
1
0.386 (9.80)
0.378 (9.60)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
°
0
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com