Electronic Components Datasheet Search
  English  ▼

X  

AOT414 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOT414
Description  100V N-channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT414 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOT414 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT414 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT414 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT414 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT414 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT414 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT414 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOT414
Symbol
Min
Typ
Max
Units
BVDSS
100
V
VDS=100V, VGS=0V
10
TJ=55°C
50
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
2
3.3
4
V
ID(ON)
100
A
20.5
25
TJ=125°C
36
43
25
31
m
Ω
gFS
37
S
VSD
0.66
1
V
IS
40
A
Ciss
1400
1770
2200
pF
Coss
115
165
214
pF
Crss
33
55
80
pF
Rg
0.3
0.65
1.0
Ω
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
VGS=0V, VDS=50V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±25V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
Ω
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=7V, ID=15A
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
Qg(10V)
14
28
42
nC
Qgs
4
9
14
nC
Qgd
6
10
14
nC
tD(on)
12
ns
tr
4
ns
tD(off)
17
ns
tf
5
ns
trr
20
29
38
ns
Qrr
25
36
46
nC
trr
12
20
26
ns
Qrr
60
82
110
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Body Diode Reverse Recovery Time
IF=20A, dI/dt=100A/µs
SWITCHING PARAMETERS
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=50V, ID=20A
Gate Source Charge
Gate Drain Charge
Body Diode Reverse Recovery Charge IF=20A, dI/dt=100A/µs
Turn-On DelayTime
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=50V, RL=2.5Ω,
RGEN=3Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 175°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175
°
C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RqJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300ms pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large
heatsink, assuming a maximum junction temperature of T
J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25
°
C.
Rev 1: May 2012
www.aosmd.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com