Electronic Components Datasheet Search
  English  ▼

X  

ADM211EAR Datasheet(PDF) 13 Page - Analog Devices

Part # ADM211EAR
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM211EAR Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM211EAR Datasheet HTML 8Page - Analog Devices ADM211EAR Datasheet HTML 9Page - Analog Devices ADM211EAR Datasheet HTML 10Page - Analog Devices ADM211EAR Datasheet HTML 11Page - Analog Devices ADM211EAR Datasheet HTML 12Page - Analog Devices ADM211EAR Datasheet HTML 13Page - Analog Devices ADM211EAR Datasheet HTML 14Page - Analog Devices ADM211EAR Datasheet HTML 15Page - Analog Devices ADM211EAR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
REV. B
–13–
Conducted emissions are measured by monitoring the line
power supply. The equipment used consists of a LISN (Line
Impedance Stabilizing Network) which essentially presents a
fixed impedance at RF, and a spectrum analyzer. The spectrum
analyzer scans for emissions up to 30 MHz and a plot for the
ADM211E is shown in Figure 32.
S1
S2
C1
S4
S3
C3
V+ = 2VCC
VCC
INTERNAL
OSCILLATOR
GND
VCC
Figure 30. Charge Pump Voltage Doubler
ø1
ø2
SWITCHING GLITCHES
Figure 31. Switching Glitches
LOG FREQUENCY – MHz
80
70
0
0.3
30
0.6
1
60
50
10
40
30
20
36
18
LIMIT
Figure 32. Conducted Emissions Plot
RADIATED EMISSIONS
Radiated emissions are measured at frequencies in excess of
30 MHz. RS-232 outputs designed for operation at high baud
rates while driving cables can radiate high frequency EM energy.
The reasons already discussed which cause conducted emissions
can also be responsible for radiated emissions. Fast RS-232
output transitions can radiate interference, especially when
lightly loaded and driving unshielded cables. Charge pump
devices are also prone to radiating noise due to the high fre-
quency oscillator and high voltages being switched by the charge
pump. The move towards smaller capacitors in order to con-
serve board space has resulted in higher frequency oscillators
being employed in the charge pump design. This has resulted in
higher levels of emission, both conducted and radiated.
The RS-232 outputs on the ADM2xxE products feature a con-
trolled slew rate in order to minimize the level of radiated emis-
sions, yet are fast enough to support data rates up to 230 kBaud.
DUT
TURNTABLE
RADIATED NOISE
ADJUSTABLE
ANTENNA
TO
RECEIVER
Figure 33. Radiated Emissions Test Setup
Figure 34 shows a plot of radiated emissions vs. frequency. This
shows that the levels of emissions are well within specifications
without the need for any additional shielding or filtering compo-
nents. The ADM2xxE was operated at maximum baud rates
and configured as in a typical RS-232 interface.
Testing for radiated emissions was carried out in a shielded
anechoic chamber.
START 30.0 MHz
STOP 200.0 MHz
LIMIT
80
70
60
50
40
30
20
10
0
Figure 34. Radiated Emissions Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com