Electronic Components Datasheet Search
  English  ▼

X  

MJH6284 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJH6284
Description  DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJH6284 Datasheet(HTML) 1 Page - Motorola, Inc

  MJH6284 Datasheet HTML 1Page - Motorola, Inc MJH6284 Datasheet HTML 2Page - Motorola, Inc MJH6284 Datasheet HTML 3Page - Motorola, Inc MJH6284 Datasheet HTML 4Page - Motorola, Inc MJH6284 Datasheet HTML 5Page - Motorola, Inc MJH6284 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Darlington Complementary
Silicon Power Transistors
. . . designed for general–purpose amplifier and low–speed switching motor control
applications.
• Similar to the Popular NPN 2N6282, 2N6283, 2N6284 and the PNP 2N6285,
2N6286, 2N6287
• Rugged RBSOA Characteristics
• Monolithic Construction with Built–in Collector–Emitter Diode
MAXIMUM RATINGS
Rating
Symbol
MJH6282
MJH6285
MJH6283
MJH6286
MJH6284
MJH6287
Unit
Collector–Emitter Voltage
VCEO
60
80
100
Vdc
Collector–Base Voltage
VCB
60
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
20
40
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @
TC = 25_C
Derate above 25
_C
PD
160
1.28
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.78
_C/W
160
0
TC, CASE TEMPERATURE (°C)
50
75
125
150
200
100
175
25
Figure 1. Power Derating
0
20
40
60
80
100
140
120
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJH6282/D
© Motorola, Inc. 1995
MJH6282
MJH6283
MJH6284
MJH6285
MJH6286
MJH6287
DARLINGTON
20 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
60, 80, 100 VOLTS
160 WATTS
*Motorola Preferred Device
*
NPN
PNP
*
*
*
CASE 340D–01


Similar Part No. - MJH6284

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284 Datasheet
142Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1998
MJH6284 ONSEMI-MJH6284 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
MJH6284 ONSEMI-MJH6284 Datasheet
130Kb / 7P
Darlington Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Inchange Semiconductor ...
MJH6284 ISC-MJH6284 Datasheet
258Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MJH6284G ONSEMI-MJH6284G Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
More results

Similar Description - MJH6284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com