Electronic Components Datasheet Search
  English  ▼

X  

AOWF11S65 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOWF11S65
Description  650V 11A a MOS TM Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOWF11S65 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOWF11S65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOWF11S65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOWF11S65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOWF11S65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOWF11S65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOWF11S65 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOW11S65/AOWF11S65
Symbol
Min
Typ
Max
Units
650
-
-
700
750
-
-
-
1
-
10
-
IGSS
Gate-Body leakage current
-
-
±100
n
Α
VGS(th)
Gate Threshold Voltage
2.6
3.3
4
V
-
0.35
0.399
Ω
-
0.98
1.11
Ω
VSD
-
0.82
-
V
IS
Maximum Body-Diode Continuous Current
-
-
11
A
ISM
-
-
45
A
Ciss
-
646
-
pF
Coss
-
42
-
pF
Co(er)
-
33
-
pF
Co(tr)
-
117
-
pF
Crss
-
1.1
-
pF
Rg
-
18
-
Ω
Qg
-
13.2
-
nC
Qgs
-
3.2
-
nC
Qgd
-
4.3
-
nC
tD(on)
-
25
-
ns
tr
-
20
-
ns
tD(off)
-
77
-
ns
tf
-
19
-
ns
trr
-
278
-
ns
Irm
-
22
-
A
Qrr
-
4.2
-
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Gate Drain Charge
Effective output capacitance, energy
related
H
VGS=0V, VDS=0 to 480V, f=1MHz
Total Gate Charge
VGS=10V, VDS=480V, ID=5.5A
Gate Source Charge
IF=5.5A,dI/dt=100A/µs,VDS=400V
IF=5.5A,dI/dt=100A/µs,VDS=400V
Reverse Transfer Capacitance
Effective output capacitance, time
related
I
VGS=10V, VDS=400V, ID=5.5A,
RG=25Ω
VGS=0V, VDS=100V, f=1MHz
Gate resistance
Body Diode Reverse Recovery Time
Peak Reverse Recovery Current
Turn-Off Fall Time
VDS=0V, VGS=±30V
RDS(ON)
Static Drain-Source On-Resistance
IS=5.5A,VGS=0V, TJ=25°C
µA
VDS=650V, VGS=0V
IDSS
Body Diode Reverse Recovery Charge IF=5.5A,dI/dt=100A/µs,VDS=400V
Maximum Body-Diode Pulsed Current
C
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
V
BVDSS
Input Capacitance
VGS=0V, VDS=100V, f=1MHz
Output Capacitance
ID=250µA, VGS=0V, TJ=150°C
VDS=5V,ID=250µA
Diode Forward Voltage
VDS=520V, TJ=150°C
Zero Gate Voltage Drain Current
VGS=10V, ID=5.5A, TJ=25°C
VGS=10V, ID=5.5A, TJ=150°C
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial TJ
=25°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
G. L=60mH, IAS=2A, VDD=150V, Starting TJ=25°C
H. Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS.
I. Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS.
J. Wavesoldering only allowed at leads.
Rev0: Dec 2011
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com