Electronic Components Datasheet Search
  English  ▼

X  

AOWF12N50 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOWF12N50
Description  500V, 12A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOWF12N50 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOWF12N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOWF12N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOWF12N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOWF12N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOWF12N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOWF12N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOW12N50/AOWF12N50
Symbol
Min
Typ
Max
Units
500
600
BVDSS
/∆TJ
0.54
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3.3
3.9
4.5
V
RDS(ON)
0.36
0.52
Ω
gFS
16
S
VSD
0.72
1
V
IS
Maximum Body-Diode Continuous Current
12
A
ISM
48
A
Ciss
1089
1361
1633
pF
Coss
115
167
218
pF
Crss
7
12.6
18
pF
Rg
1.8
3.6
5.4
Ω
Qg
24
30.7
37
nC
Qgs
6
7.6
9
nC
Qgd
6
13.0
20
nC
tD(on)
29
35
ns
tr
69
83
ns
tD(off)
82
98
ns
tf
55.5
67
ns
trr
180
231
277
ns
Qrr
2.2
2.82
3.4
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
µA
VDS=0V, VGS=±30V
V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
BVDSS
Body Diode Reverse Recovery Charge IF=12A,dI/dt=100A/µs,VDS=100V
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Diode Forward Voltage
Turn-Off DelayTime
VGS=10V, VDS=250V, ID=12A,
RG=25Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=400V, ID=12A
Gate Source Charge
Gate Drain Charge
VDS=5V ID=250µA
VDS=400V, TJ=125°C
Zero Gate Voltage Drain Current
IDSS
Zero Gate Voltage Drain Current
VDS=500V, VGS=0V
ID=250µA, VGS=0V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Static Drain-Source On-Resistance
VGS=10V, ID=6A
Reverse Transfer Capacitance
IF=12A,dI/dt=100A/µs,VDS=100V
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
IS=1A,VGS=0V
VDS=40V, ID=6A
Forward Transconductance
A. The value of R θJA is measured with the device in a still air environment with TA =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial TJ
=25°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse rating.
G. L=60mH, IAS=5.5A, VDD=150V, RG=25Ω, Starting TJ=25°C
Rev0: June 2010
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com