Electronic Components Datasheet Search
  English  ▼

X  

ADM690AN Datasheet(PDF) 13 Page - Analog Devices

Part # ADM690AN
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM690AN Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM690AN Datasheet HTML 8Page - Analog Devices ADM690AN Datasheet HTML 9Page - Analog Devices ADM690AN Datasheet HTML 10Page - Analog Devices ADM690AN Datasheet HTML 11Page - Analog Devices ADM690AN Datasheet HTML 12Page - Analog Devices ADM690AN Datasheet HTML 13Page - Analog Devices ADM690AN Datasheet HTML 14Page - Analog Devices ADM690AN Datasheet HTML 15Page - Analog Devices ADM690AN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM690–ADM695
REV. A
–13–
ADM691
ADM693
ADM695
R
2
R
1
PFO
INPUT POWER
+5V
V
CC
V
OUT
WDI
GND
PFI
V
BATT
0.1
µF
3V
BATTERY
RESET
0.1
µF
OSC IN
OSC SEL
LOW LINE
WDO
SYSTEM STATUS
INDICATORS
CMOS
RAM
ADDRESS
DECODE
I/O LINE
NMI
RESET
A0–A15
µP
0.1
µF
RESET
CE
OUT
CE
IN
BATT
ON
NC
Figure 24. ADM691/ADM693/ADM695 Typical Application
Reset Output
The internal voltage detector monitors VCC and generates a
RESET
output to hold the microprocessor’s Reset line low
when VCC is below 4.65 V (4.4 V for ADM693). An internal
timer holds RESET low for 50 ms (200 ms for the ADM695)
after VCC rises above 4.65 V (4.4 V for ADM693). This prevents
repeated toggling of RESET even if the 5 V power drops out
and recovers with each power line cycle.
The crystal oscillator normally used to generate the clock for mi-
croprocessors can take several milliseconds to stabilize. Since
most microprocessors need several clock cycles to reset, RESET
must be held low until the microprocessor clock oscillator has
started. The power-up RESET pulse lasts 50 ms (200 ms for the
ADM695) to allow for this oscillator start-up time. If a different
reset pulse width is required, then a capacitor should be con-
nected to OSC IN or an external clock may be used. Please refer
to Table I and Figure 4. The manual reset switch and the 0.1
µF
capacitor connected to the reset line can be omitted if a manual
reset is not needed. An inverted, active high, RESET output is
also available.
Power Fail Detector
The +5 V VCC power line is monitored via a resistive potential
divider connected to the Power Fail Input (PFI). When the
voltage at PFI falls below 1.3 V, the Power Fail Output (PFO)
drives the processor’s NMI input low. If for example a Power
Fail threshold of 4.8 V is set with resistors R1 and R2, the micro-
processor will have the time when VCC falls from 4.8 V to 4.65 V
to save data into RAM. An earlier power fail warning can be
generated if the unregulated dc input to the 5 V regulator is
available for monitoring. This will allow more time for micro-
processor housekeeping tasks to be completed before power is
lost.
RAM Write Protection
The ADM691/ADM693/ADM695 CEOUT line drives the Chip
Select inputs of the CMOS RAM. CEOUT follows CEIN as long
as VCC is above the 4.65 V (4.4 V for ADM693) reset threshold.
If VCC falls below the reset threshold, CEOUT goes high, inde-
pendent of the logic level at CEIN. This prevents the micropro-
cessor from writing erroneous data into RAM during power-up,
power-down, brownouts and momentary power interruptions.
Watchdog Timer
The microprocessor drives the Watchdog Input (WDI) with an
I/O line. When OSC IN and OSC SEL are unconnected, the
microprocessor must toggle the WDI pin once every 1.6 sec-
onds to verify proper software execution. If a hardware or soft-
ware failure occurs such that WDI not toggled, the ADM691/
ADM693 will issue a 50 ms (200 ms for ADM695) RESET
pulse after 1.6 seconds. This typically restarts the micro-
processor’s power-up routine. A new RESET pulse is issued
every 1.6 seconds until WDI is again strobed. If a different
watchdog timeout period is required, then a capacitor should be
connected to OSC IN or an external clock may be used. Please
refer to Table I and Figure 4.
The WATCHDOG OUTPUT (WDO) goes low if the watch-
dog timer is not serviced within its timeout period. Once WDO
goes low, it remains low until a transition occurs at WDI. The
watchdog timer feature can be disabled by leaving WDI
unconnected.
The RESET output has an internal 3
µA pull-up, and can either
connect to an open collector reset bus or directly drive a CMOS
gate without an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com